Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NX7328BF-AA Datasheet(PDF) 1 Page - California Eastern Labs

No. de pieza NX7328BF-AA
Descripción Electrónicos  NECs 1310 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (70mW MIN)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo CEL - California Eastern Labs

NX7328BF-AA Datasheet(HTML) 1 Page - California Eastern Labs

  NX7328BF-AA Datasheet HTML 1Page - California Eastern Labs NX7328BF-AA Datasheet HTML 2Page - California Eastern Labs NX7328BF-AA Datasheet HTML 3Page - California Eastern Labs NX7328BF-AA Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NEC's 1310 nm InGaAsP MQW FP
PULSED LASER DIODE
IN COAXIAL PACKAGE
FOR OTDR APPLICATION (70 mW MIN)
NX7328BF-AA
FEATURES
• HIGH OUTPUT POWER:
Pf = 110 mW at IFP = 400 mA,
Pulse Conditions: Pulse width (PW) = 10 µs, Duty = 1%.
• LONG WAVELENGTH:
λC = 1310 nm
DESCRIPTION
PART NUMBER
NX7328BF-AA
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
VFP
Forward Voltage, IFP = 400 mA, PW = 10 µs,
V
2.5
4.0
Duty = 1%
ITH
Threshold Current
mA
20
30
Pf
Optical Output Power from Fiber, IFP = 400 mA,
mW
70
110
PW = 10 µs, Duty = 1%
λC
Center Wavelength, IFP = 400 mA, PW = 10 µs,
nm
1290
1310
1330
Duty = 1%, RMS (-20 dB)
σ
Spectral Width, IFP = 400 mA, PW = 10 µs,
nm
4.5
10.0
Duty = 1%, RMS (-20 dB)
tr
Rise Time, 10-90%
ns
1.0
tf
Fall Time, 90-10%
ns
1.0
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25°C)
PART NUMBER
NX7328BF-AA
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ITH
Threshold Current
mA
50
Pf
Optical Output Power from Fiber, IFP = 400 mA,
mW
50
PW = 10 µs, Duty = 1%
λC
Center Wavelength, IFP = 400 mA, PW = 10 µs,
nm
1280
1342.5
Duty = 1%, RMS (-20 dB)
∆λ/∆T
Temperature Dependency of Center Wavelength
nm/°C
0.35
σ
Spectral Width, IFP = 400 mA, PW = 10 µs,
dB
10
Duty = 1%, RMS (-20 dB)
ELECTRO-OPTICAL CHARACTERISTICS (TC = 0 to +60°C)
California Eastern Laboratories
NEC's NX7328BF-AA is a 1310 nm Multiple Quantum Well
(MQW) structured Fabry-Perot (FP) laser diode coaxial mod-
ule with single mode fiber. This module is specified to operate
under pulsed condition and designed for light source of Optical
Time Domain Reflectometer (OTDR).


Número de pieza similar - NX7328BF-AA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
NX7328BF-AA RENESAS-NX7328BF-AA Datasheet
213Kb / 10P
   LASER DIODE
2001
More results

Descripción similar - NX7328BF-AA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
NX7327BF-AA CEL-NX7327BF-AA Datasheet
184Kb / 4P
   NECs 1310 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (110 mW MIN)
NX7526BF-AA CEL-NX7526BF-AA Datasheet
184Kb / 3P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (95 mW MIN)
NX7528BF-AA CEL-NX7528BF-AA Datasheet
185Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (60 mW MIN)
NX7527BF-AA CEL-NX7527BF-AA Datasheet
184Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (120 mW MIN)
NX7529BB-AA CEL-NX7529BB-AA Datasheet
184Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (20 mW MIN)
NX7361JB-BC CEL-NX7361JB-BC Datasheet
180Kb / 4P
   NECs 1310 nm InGaAsP MQW FP PULSD LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (150 mW MIN)
NX7661JB-BC CEL-NX7661JB-BC Datasheet
179Kb / 4P
   NECs 1625 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (120 mW MIN)
NX7561JB-BC CEL-NX7561JB-BC Datasheet
180Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (135 mW MIN)
NX7329BB-AA CEL-NX7329BB-AA Datasheet
191Kb / 4P
   NECs 1310 nm InGaAsP MQW FP PULSED LADER DIODE IN COAXIAL PACKAGE FOR ITDR APPLICATION (25 mW MIN)
logo
NEC
NX5304 NEC-NX5304 Datasheet
165Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com