Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS71024T-9 Datasheet(PDF) 4 Page - GSI Technology |
|
GS71024T-9 Datasheet(HTML) 4 Page - GSI Technology |
4 / 13 page GS71024T/U Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.05 11/2004 4/13 © 1999, GSI Technology Notes: 1. Input overshoot voltage should be less than VDD + 2 V and not exceed 20 ns. 2. Input undershoot voltage should be greater than –2 V and not exceed 20 ns. Notes: 1. Tested at TA = 25°C, f = 1 MHz 2. These parameters are sampled and are not 100% tested Recommended Operating Conditions Parameter Symbol Minimum Typical Maximum Unit Supply Voltage for -10/12/15 VDD 3.0 3.3 3.6 V Supply Voltage for -8 VDD 3.135 3.3 3.6 V Input High Voltage VIH 2.0 — VDD + 0.3 V Input Low Voltage VIL –0.3 — 0.8 V Ambient Temperature, Commercial Range TAc 0— 70 oC Ambient Temperature, Industrial Range TAi –40 — 85 oC Capacitance Parameter Symbol Test Condition Maximum Unit Input Capacitance CIN VIN = 0 V 5pF I/O Capacitance COUT VOUT = 0 V 7pF DC I/O Pin Characteristics Parameter Symbol Test Conditions Minimum Maximum Input Leakage Current IIL VIN = 0 to VDD –1uA 1uA Output Leakage Current IOL Output High Z, VOUT = 0 to VDD –1uA 1uA Output High Voltage VOH IOH = –4mA 2.4 — Output Low Voltage VOL IOL = +4mA —0.4 V |
Número de pieza similar - GS71024T-9 |
|
Descripción similar - GS71024T-9 |