Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8509IDWRG4 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza ADS8509IDWRG4
Descripción Electrónicos  16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8509IDWRG4 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS8509IDWRG4 Datasheet HTML 1Page - Burr-Brown (TI) ADS8509IDWRG4 Datasheet HTML 2Page - Burr-Brown (TI) ADS8509IDWRG4 Datasheet HTML 3Page - Burr-Brown (TI) ADS8509IDWRG4 Datasheet HTML 4Page - Burr-Brown (TI) ADS8509IDWRG4 Datasheet HTML 5Page - Burr-Brown (TI) ADS8509IDWRG4 Datasheet HTML 6Page - Burr-Brown (TI) ADS8509IDWRG4 Datasheet HTML 7Page - Burr-Brown (TI) ADS8509IDWRG4 Datasheet HTML 8Page - Burr-Brown (TI) ADS8509IDWRG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS8509
SLAS324A – OCTOBER 2004 – REVISED JUNE 2005
At T
A = -40°C to 85°C, fs = 250 kHz, VDIG = VANA = 5 V, using internal reference and 0.1%, 0.25 W fixed resistors (See
Figure 29 and Figure 30) (unless otherwise specified)
ADS8509I
ADS8509IB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Resolution
16
16
Bits
ANALOG INPUT
Voltage ranges(1)
Impedance(1)
Capacitance
50
50
pF
THROUGHPUT SPEED
Conversion cycle
Acquire and convert
4
4
µs
Throughput rate
250
250
kHz
DC ACCURACY
INL
Integral linearity error
-3
3
-2
2
LSB(2)
DNL
Differential linearity error
-2
2
-1
1
LSB
No missing codes
15
16
Bits
Transition noise(3)
1
1
LSB
±10 V range
Int. Ref. with 0.1% external
-0.5
0.5
-0.5
0.5
Full-scale
%FSR
fixed resistors
error(4)(5)
All other ranges
-0.5
0.5
-0.5
0.5
Full-scale error drift
Int. Ref.
±7
±7
ppm/°C
±10 V range
Ext. Ref. with 0.1% external
-0.5
0.5
-0.5
0.5
Full-scale
%FSR
fixed resistors
error(4)(5)
All other ranges
-0.5
0.5
-0.5
0.5
Full-scale error drift
Ext. Ref.
±2
±2
ppm/°C
Bipolar zero error(4)
-10
10
-5
5
mV
Bipolar zero error drift
±0.4
±0.4
ppm/°C
10 V range
-5
5
-5
5
Unipolar zero
mV
4 V and 5 V
-3
3
-3
3
error(4)
range
Unipolar zero error drift
±2
±2
ppm/°C
Recovery to rated accuracy after
1-µF Capacitor to CAP
1
1
ms
power down
Power supply sensitivity
-8
8
-8
8
+4.75 V < VD < +5.25 V
LSB
(VDIG = VANA = VD)
AC ACCURACY
SFDR
Spurious-free dynamic range
fI = 20 kHz
90
99
95
99
dB(6)
THD
Total harmonic distortion
fI = 20 kHz
-98
-90
-98
-93
dB
SINAD
fI = 20 kHz
83
88
85
88
dB
Signal-to-(noise+distortion)
–60-dB Input
30
32
dB
SNR
Signal-to-noise ratio
fI = 20 kHz
83
88
86
88
dB
Full-power bandwidth(7)
500
500
kHz
SAMPLING DYNAMICS
Aperture delay
5
5
ns
Transient response
FS Step
2
2
µs
Overvoltage recovery(8)
150
150
ns
(1)
±10 V, 0 V to 5 V, etc. (see Table 3)
(2)
LSB means least significant bit. For the ±10-V input range, one LSB is 305 µV.
(3)
Typical rms noise at worst case transitions and temperatures.
(4)
As measured with fixed resistors shown in Figure 29 and Figure 30. Adjustable to zero with external potentiometer. Factory calibrated
with 0.1%, 0.25 W resistors.
(5)
For bipolar input ranges, full-scale error is the worst case of -full-scale or +full-scale uncalibrated deviation from ideal first and last code
transitions, divided by the transition voltage (not divided by the full-scale range) and includes the effect of offset error. For unipolar input
ranges, full-scale error is the deviation of the last code transition divided by the transition voltage. It also includes the effect of offset
error.
(6)
All specifications in dB are referred to a full-scale ±10-V input.
(7)
Full-power bandwidth is defined as the full-scale input frequency at which signal-to-(noise + distortion) degrades to 60 dB.
(8)
Recovers to specified performance after 2 x FS input overvoltage.
3


Número de pieza similar - ADS8509IDWRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8509IDWRG4 TI1-ADS8509IDWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS8509IDWRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com