Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14066B Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza MC14066B
Descripción Electrónicos  Quad Analog Switch/Quad Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14066B Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC14066B Datasheet HTML 3Page - ON Semiconductor MC14066B Datasheet HTML 4Page - ON Semiconductor MC14066B Datasheet HTML 5Page - ON Semiconductor MC14066B Datasheet HTML 6Page - ON Semiconductor MC14066B Datasheet HTML 7Page - ON Semiconductor MC14066B Datasheet HTML 8Page - ON Semiconductor MC14066B Datasheet HTML 9Page - ON Semiconductor MC14066B Datasheet HTML 10Page - ON Semiconductor MC14066B Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC14066B
http://onsemi.com
7
APPLICATIONS INFORMATION
Figure A illustrates use of the Analog Switch. The 0–
to–5 volt digital control signal is used to directly control a
5 volt peak–to–peak analog signal.
The digital control logic levels are determined by VDD
and VSS. The VDD voltage is the logic high voltage, the VSS
voltage is logic low. For the example, VDD = + 5 V = logic
high at the control inputs; VSS = GND = 0 V = logic low.
The maximum analog signal level is determined by VDD
and VSS. The analog voltage must not swing higher than
VDD or lower than VSS.
The example shows a 5 volt peak–to–peak signal which
allows no margin at either peak. If voltage transients above
VDD and/or below VSS are anticipated on the analog
channels, external diodes (Dx) are recommended as shown
in Figure B. These diodes should be small signal types able
to absorb the maximum anticipated current surges during
clipping.
The absolute maximum potential difference between
VDD and VSS is 18.0 volts. Most parameters are specified up
to 15 volts which is the recommended maximum difference
between VDD and VSS.
Figure A. Application Example
+5 V
VDD
VSS
5 Vp–p
ANALOG SIGNAL
0–TO–5 V DIGITAL
CONTROL SIGNALS
SWITCH
IN
MC14066B
SWITCH
OUT
5 Vp–p
ANALOG SIGNAL
+ 5.0 V
+ 2.5 V
GND
+5 V
EXTERNAL
CMOS
DIGITAL
CIRCUITRY
Figure B. External Germanium or Schottky Clipping Diodes
VDD
VDD
VSS
VSS
DX
DX
DX
DX
SWITCH
IN
SWITCH
OUT


Número de pieza similar - MC14066B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC14066BCP ONSEMI-MC14066BCP Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14066BCPG ONSEMI-MC14066BCPG Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14066BD ONSEMI-MC14066BD Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
More results

Descripción similar - MC14066B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com