Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC14067B Datasheet(PDF) 8 Page - ON Semiconductor |
|
MC14067B Datasheet(HTML) 8 Page - ON Semiconductor |
8 / 12 page MC14067B http://onsemi.com 8 TYPICAL RESISTANCE CHARACTERISTICS Figure 10. VDD = 7.5 V, VSS = – 7.5 V Figure 11. VDD = 5.0 V, VSS = – 5.0 V 350 300 250 200 150 100 0 50 – 8.0 – 10 – 6.0 – 4.0 – 2.0 0 0.2 4.0 6.0 8.0 10 Vin, INPUT VOLTAGE (VOLTS) TA = 125°C 25 °C –55 °C 350 300 250 200 150 100 0 50 – 8.0 – 10 – 6.0 – 4.0 – 2.0 0 0.2 4.0 6.0 8.0 10 Vin, INPUT VOLTAGE (VOLTS) TA = 125°C 25 °C –55 °C Figure 12. VDD = 2.5 V, VSS = – 2.5 V 700 600 500 400 300 200 0 100 – 8.0 – 10 – 6.0 – 4.0 – 2.0 0 0.2 4.0 6.0 8.0 10 Vin, INPUT VOLTAGE (VOLTS) TA = 125°C 25 °C –55 °C Figure 13. Comparison at 25 °C, VDD = –VSS 350 300 250 200 150 100 0 50 – 8.0 – 10 – 6.0 – 4.0 – 2.0 0 0.2 4.0 6.0 8.0 10 Vin, INPUT VOLTAGE (VOLTS) TA = 25°C VDD = 2.5 V 5.0 V 7.5 V |
Número de pieza similar - MC14067B |
|
Descripción similar - MC14067B |