Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ECS-9244MXC Datasheet(PDF) 1 Page - Vecow Co., Ltd.

No. de pieza ECS-9244MXC
Descripción Electrónicos  ECS-9200, 10GigE LAN w/4 X-coded M12 PoE, 4 PoE, 2 CAN Bus, 2 SSD Tray, 8 USB 3.0, 4 COM, 2 SIM, 32 Isolated DIO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VECOW [Vecow Co., Ltd.]
Página de inicio  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

ECS-9244MXC Datasheet(HTML) 1 Page - Vecow Co., Ltd.

  ECS-9244MXC Datasheet HTML 1Page - Vecow Co., Ltd. ECS-9244MXC Datasheet HTML 2Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Features
High-performance Fanless Systems
ECS-9244MXC
ƒ
10 GigE LAN with 4 X-coded M12 PoE+ and 4 PoE+
ƒ
Storage : 2 2.5" SSD Tray, 1 CFast, 2 SATA III
ƒ
6V to 36V DC Power Input with 80V Surge Protection
ƒ
Configurable Ignition Power Control
ƒ
Fanless, -40°C to 75°C Operating Temperature
ƒ
LGA 1151 Socket supports workstation-grade Intel® Xeon®/Core™
i7/i5/i3 Processor (Kaby Lake/Skylake) with Intel® C236 Chipset
ƒ
2 CAN Bus, 2 Mini PCIe/mSATA, 1 M.2
ƒ
32 Isolated DIO, 8 USB 3.0, 4 COM
ƒ
2 External SIM Socket for WiFi/4G/3G/LTE/GPRS/UMTS
Quad Core Intel® Xeon®/Core™ i7/i5/i3 (Kaby Lake) Fanless Embedded System with Intel® C236 Chipset, 10 GigE LAN with 4 X-coded M12 PoE+, 4 PoE+,
2 CAN Bus, 2 Front-access SSD Tray, 8 USB 3.0, M.2 Socket, 3 SIM, 32 Isolated DIO, High Performance, Rugged, -40°C to 75°C Extended Temperature
System
Processor
Intel
® Xeon®/Core™ i7/i5/i3 Processor (Kaby Lake-S/Skylake-S)
Chipset
Intel
® C236
BIOS
AMI
SIO
IT8786E
Memory
2 DDR4 2400/2133 MHz SO-DIMM, up to 64GB
I/O Interface
Serial
4 COM RS-232/422/485 (ESD 8KV)
USB
ƒ
8 USB 3.0 (4 Front, 4 Rear)
ƒ
1 USB 2.0 (Internal)
Isolated DIO
32 Isolated DIO : 16 DI, 16 DO
LED
Power, HDD, PoE, Wireless
SIM Card
3 External SIM Card Socket (1 for CAN Bus, Optional)
CAN Bus
2 CAN 2.0 A/B
Expansion
Mini PCIe
2 Full-size for PCIe/USB/External SIM Card/mSATA
M.2
1 M.2 Socket (Key ID : M)
Graphics
Graphics
Processor
Intel
® HD Graphics P630/630/P530/530
Interface
ƒ
DVI-I : Up to 1920 x 1200 @ 60Hz
ƒ
DVI-D : Up to 1920 x 1200 @ 60Hz
ƒ
DisplayPort : Up to 4096 x 2304 @ 60Hz
Storage
SATA
2 SATA III (6Gbps) support S/W RAID 0, 1
mSATA
2 SATA III (Mini PCIe Type, 6Gbps)
Storage
Device
ƒ
1 CFast Socket, Push-in/Push-out Ejector
ƒ
2 Front-access 2.5" SSD/HDD Tray
Audio
Audio Codec
Realtek ALC892, 5.1 Channel HD Audio
Audio
Interface
1 Mic-in, 1 Line-out
Ethernet
LAN 1
Intel
® I219LM GigE LAN supports iAMT 11.0
LAN 2
Intel
® I210 GigE LAN
PoE (M12)
LAN 3 to 6
GigE IEEE 802.3at (25.5W/48V) PoE
+ by Intel® I210 with
Power On/Off Control, X-coded M12 Connector
LAN 7 to 10
GigE IEEE 802.3at (25.5W/48V) PoE
+ with Power On/Off
Control by Intel
® I350
Power
Power Input
6V to 36V, DC-in
Power
Interface
3-pin Terminal Block : V+, V-, Frame Ground
Ignition
Control
16 Mode (Internal)
Remote
Switch
3-pin Terminal Block : On, Off, IGN
Surge
Protection
Up to 80V/1ms Transient Power
Others
TPM
Optional Infineon SLB9665 supports TPM 2.0, LPC Interface
Watchdog
Timer
Reset : 1 to 255 sec./min. per step
Smart
Management
Wake on LAN, PXE supported
HW Monitor
Monitoring temperature, voltages. Auto throttling control
when CPU overheats.
Software Support
OS
Windows 10, Windows 8.1, Windows 7, Linux
Mechanical
Dimensions
260mm x 215mm x 79mm (10.2" x 8.46" x 3.11")
Weight
4.5 kg (9.92 lb)
Mounting
ƒ
Wallmount by mounting bracket
ƒ
DIN Rail Mount (Optional)
ƒ
2U Rackmount (Optional)
Environment
Operating
Temperature
35W TDP CPU :
ƒ
Core™ i7, i5, i3 : -40°C to 75°C (-40°F to 167°F)
ƒ
Xeon
® E3-1268L v5 : -40°C to 70°C (-40°F to 158°F)
65W TDP CPU :
Core™ i7, i5, i3 : -40°C to 55°C (-40°F to 131°F)
80W TDP CPU :
Xeon
® E3-1275 v6, E3-1275 v5, E3-1225 v5 : -40°C to
45°C (-40°F to 113°F)
Storage
Temperature
-40°C to 85°C (-40°F to 185°F)
Humidity
5% to 95% Humidity, non-condensing
Relative
Humidity
95% @ 75°C
Shock
ƒ
IEC 60068-2-27
ƒ
SSD : 50G @ wallmount, Half-sine, 11ms
Vibration
ƒ
IEC 60068-2-64
ƒ
SSD : 5Grms, 5Hz to 500Hz, 3 Axis
Certification
E13, CE, FCC, EN50155, EN50121-3-2
(M12)


Número de pieza similar - ECS-9244MXC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vecow Co., Ltd.
ECS-9244MC VECOW-ECS-9244MC Datasheet
484Kb / 2P
   ECS-9200, 10 GigE LAN w/4 A-coded M12 PoE, 4 PoE, 2 CAN Bus, 2 SSD Tray, 8 USB 3.0, 4 COM, 2 SIM, 32 Isolated DIO
More results

Descripción similar - ECS-9244MXC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vecow Co., Ltd.
ECS-9244MC VECOW-ECS-9244MC Datasheet
484Kb / 2P
   ECS-9200, 10 GigE LAN w/4 A-coded M12 PoE, 4 PoE, 2 CAN Bus, 2 SSD Tray, 8 USB 3.0, 4 COM, 2 SIM, 32 Isolated DIO
ECS-9280C VECOW-ECS-9280C Datasheet
432Kb / 2P
   ECS-9200, 10 GigE LAN w/8 PoE, 2 CAN Bus, 2 SSD Tray, 8 USB 3.0, 4 COM, 2 SIM, 32 Isolated DIO
ECS-9280 VECOW-ECS-9280 Datasheet
421Kb / 2P
   ECS-9200, 10 GigE LAN w/8 PoE, 2 SSD Tray, 8 USB 3.0, 4 COM, 3 SIM, 32 Isolated DIO
ECS-9208M VECOW-ECS-9208M Datasheet
470Kb / 2P
   ECS-9200, 10 GigE LAN w/8 A-coded M12 PoE, 1 M.2, 2 SSD Tray, 8 USB 3.0, 4 COM, 3 SIM, 32 Isolated DIO
ECS-9208MP VECOW-ECS-9208MP Datasheet
471Kb / 2P
   ECS-9200, 10 GigE LAN w/4 A-coded M12 PoE, 2-pair LAN Bypass, 1 M.2, 2 SSD Tray, 8 USB 3.0, 4 COM, 3 SIM, 32 Isolated DIO
ECS-9240GTX1050 VECOW-ECS-9240GTX1050 Datasheet
441Kb / 2P
   ECS-9200, NVIDIA GeForce GTX 1050 Ti, 6 GigE LAN w/4 PoE, 2 SSD Tray, 8 USB 3.0, 4 COM, 1 M.2, 3 SIM, 32 Isolated DIO
ECS-9000-POER VECOW-ECS-9000-POER Datasheet
405Kb / 2P
   ECS-9000, 6 GigE LAN with 4 PoE, 2 SSD Tray, 6 USB 3.0, 4 COM, 3 SIM, Isolated DIO
ECS-9000-9R VECOW-ECS-9000-9R Datasheet
421Kb / 2P
   ECS-9000, 9 GigE LAN with 4 PoE, 2 SSD Tray, 6 USB 3.0, 4 COM, 3 SIM, Isolated DIO
ECS-9280GTX1050 VECOW-ECS-9280GTX1050 Datasheet
494Kb / 2P
   ECS-9200, NVIDIA짰 GeForce짰 GTX 1050 Ti, 10 GigE LAN w/8 PoE, 2 SSD Tray, 8 USB 3.0, 4 COM, 1 M.2, 3 SIM, 32 Isolated DIO
ECS-9160 VECOW-ECS-9160 Datasheet
389Kb / 2P
   ECS-9100, 2 GigE LAN, 4 GigE LAN Switch w/PoE, 2 SSD Tray, 8 USB 3.0, 4 COM, 3 SIM, 16 GPIO
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com