Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS4365-EQZ Datasheet(PDF) 6 Page - Cirrus Logic

No. de Pieza. CS4365-EQZ
Descripción  114 dB, 192 kHz 6-Channel D/A Converter
Descarga  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo 

CS4365-EQZ Datasheet(HTML) 6 Page - Cirrus Logic

Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
6
DS670PP1
CS4365
1. PIN DESCRIPTION
Pin Name
#
Pin Description
VD
4
Digital Power (Input) - Positive power supply for the digital section. Refer to the Rec-
ommended Operating Conditions for appropriate voltages.
GND
5
31
Ground (Input) - Ground reference. Should be connected to analog ground.
MCLK
6
Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters.
Table 5 illustrates several standard audio sample rates and the required master clock
frequencies.
LRCK
7
Left Right Clock (Input) - Determines which channel, Left or Right, is currently active
on the serial audio data line. The frequency of the left/right clock must be at the audio
sample rate, Fs.
SDIN1
SDIN2
SDIN3
8
11
13
Serial Data Input (Input) - Input for two’s complement serial audio data.
SCLK
9
Serial Clock (Input) - Serial clocks for the serial audio interface.
TST
14
44
45
Test - These pins need to be tied to analog ground.
RST
19
Reset (Input) - The device enters a low power mode and all internal registers are
reset to their default settings when low.
VA
32
Analog Power (Input) - Positive power supply for the analog section. Refer to the
Recommended Operating Conditions for appropriate voltages.
VLS
43
Serial Audio Interface Power (Input) - Determines the required signal level for the
serial audio interface. Refer to the Recommended Operating Conditions for appropri-
ate voltages.
VLC
18
Control Port Power (Input) - Determines the required signal level for the control port
and hardware mode configuration pins. Refer to the Recommended Operating Condi-
tions for appropriate voltages.
GND
AOUTB2-
AOUTA3+
AOUTB3-
AOUTB2+
VA
AOUTA3-
AOUTB3+
MUTEC2
MUTEC3
6
2
4
8
10
1
3
5
7
9
11
12
13 14 15 16 17 18 19 20 21 22 23 24
31
35
33
29
27
36
34
32
30
28
26
25
48 47 46 45 44 43 42 41 40 39 38 37
MCLK
DSDB1
VD
SDIN1
M4(TST)
DSDA2
DSDA1
GND
SCLK
SDIN2
M3(TST)
LRCK
CS4365
AOUTA2+
AOUTA2-


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn