Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS4365-EQZ Datasheet(PDF) 18 Page - Cirrus Logic

No. de pieza CS4365-EQZ
Descripción Electrónicos  114 dB, 192 kHz 6-Channel D/A Converter
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4365-EQZ Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4365-EQZ Datasheet HTML 14Page - Cirrus Logic CS4365-EQZ Datasheet HTML 15Page - Cirrus Logic CS4365-EQZ Datasheet HTML 16Page - Cirrus Logic CS4365-EQZ Datasheet HTML 17Page - Cirrus Logic CS4365-EQZ Datasheet HTML 18Page - Cirrus Logic CS4365-EQZ Datasheet HTML 19Page - Cirrus Logic CS4365-EQZ Datasheet HTML 20Page - Cirrus Logic CS4365-EQZ Datasheet HTML 21Page - Cirrus Logic CS4365-EQZ Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
18
DS670PP1
CS4365
VLS
MCLK
VD
AOUTA1+
8
32
0.1 µF
+
1 µF
+2.5 V
SDIN1
9
1 µF
0.1 µF
+
+
20
21
FILT+
CMOUT
7
6
LRCK
SCLK
SDIN3
SDIN2
39
40
0.1 µF
47 µF
VA
0.1 µF
+
1 µF
0.1 µF
+1.8 V to +5 V
+5 V
4
43
13
Analog Conditioning
and Muting
AOUTA1-
AOUTB1+
38
37
Analog Conditioning
and Muting
AOUTB1-
AOUTA2+
35
36
Analog Conditioning
and Muting
AOUTA2-
AOUTB2+
34
33
Analog Conditioning
and Muting
AOUTB2-
AOUTA3+
29
30
Analog Conditioning
and Muting
AOUTA3-
AOUTB3+
28
27
Analog Conditioning
and Muting
AOUTB3-
MUTEC1
41
26
Mute
Drive
MUTEC2
11
Micro-
Controller
VLC
0.1 µF
+1.8 V to +5 V
18
2
48
DSDB2
3
42
DSD_SCLK
DSDA1
DSDB3
DSDA3
DSDB1
DSDA2
46
47
1
16
15
SCL/CCLK
SDA/CDIN
ADO/CS
RST
19
17
Note*: Necessary for I2C
control port operation
Note*
MUTEC3
25
24
MUTEC4
MUTEC5
23
22
MUTEC6
CS4365
31
GND
GND
5
TST
10, 12,
14, 44, 45
DSD
Audio
Source
220 Ω
470 Ω
470 Ω
Digital
Audio
Source
PCM
Figure 7. Typical Connection Diagram, Software Mode


Número de pieza similar - CS4365-EQZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4365-CQZ CIRRUS-CS4365-CQZ Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365-CQZ CIRRUS-CS4365-CQZ Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365-CQZR CIRRUS-CS4365-CQZR Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365-CQZR CIRRUS-CS4365-CQZR Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365-DQZ CIRRUS-CS4365-DQZ Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
More results

Descripción similar - CS4365-EQZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A Datasheet
686Kb / 47P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_08 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A_08 Datasheet
1,000Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
CS5366 CIRRUS-CS5366_09 Datasheet
384Kb / 42P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362 CIRRUS-CS4362_04 Datasheet
1,010Kb / 42P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_07 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com