Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDB44800 Datasheet(PDF) 5 Page - Cirrus Logic

No. de pieza CDB44800
Descripción Electrónicos  Multi-Bit A/D for Class-D Real-Time PSR Feedback
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB44800 Datasheet(HTML) 5 Page - Cirrus Logic

  CDB44800 Datasheet HTML 1Page - Cirrus Logic CDB44800 Datasheet HTML 2Page - Cirrus Logic CDB44800 Datasheet HTML 3Page - Cirrus Logic CDB44800 Datasheet HTML 4Page - Cirrus Logic CDB44800 Datasheet HTML 5Page - Cirrus Logic CDB44800 Datasheet HTML 6Page - Cirrus Logic CDB44800 Datasheet HTML 7Page - Cirrus Logic CDB44800 Datasheet HTML 8Page - Cirrus Logic CDB44800 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DS650F1
5
CS4461
ANALOG CHARACTERISTICS
(Test conditions (unless otherwise specified): Input test signal is a 1 kHz sine wave; measurement bandwidth is
10 Hz to 20 kHz.)
Notes:
6. Measured between AIN+ and AIN-
Parameter
Symbol
Min
Typ
Max
Unit
DC Accuracy
Gain Error
-
±5%
Gain Drift
-
±100
-
ppm/°C
Analog Input Characteristics
Full-scale Differential Input Voltage
-CZZ
-DZZ
-
-
1.13*VA
1.13*VA
-
-
VPP
VPP
AIN+/AIN- Input Range
-CZZ
(VA = 5.0 V)
-DZZ
1.1
1.1
-
-
3.9
3.9
V
V
Input Impedance (Differential)
(Note 6)
18
-
-
k
Common Mode Rejection Ratio
CMRR
-
82
-
dB


Número de pieza similar - CDB44800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CDB44800 CIRRUS-CDB44800 Datasheet
744Kb / 78P
   6-Channel Digital Amplifier Controller
CDB44800 CIRRUS-CDB44800 Datasheet
700Kb / 81P
   8-Channel Digital Amplifier Controller
CDB44800 CIRRUS-CDB44800 Datasheet
1Mb / 76P
   6-Channel Digital Amplifier Controller
CDB44800 CIRRUS-CDB44800 Datasheet
1Mb / 80P
   8-Channel Digital Amplifier Controller
More results

Descripción similar - CDB44800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD78233GC-3B9 NEC-UPD78233GC-3B9 Datasheet
1Mb / 66P
   ADVANCED, 8 BIT REAL TIME CONTROL MICROCOMPUTERS WITH A/D AND D/A CONVERTERS
logo
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Epson Company
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
NXP Semiconductors
TDA8939TH PHILIPS-TDA8939TH Datasheet
99Kb / 21P
   Zero dead time Class-D 7.5 A power comparator
Rev. 01-22 April 2004
logo
Epson Company
RTC62421 EPSON-RTC62421 Datasheet
73Kb / 2P
   4-bit REAL TIME CLOCK MODULE
RTC-7301SF EPSON-RTC-7301SF Datasheet
104Kb / 2P
   4-bit REAL TIME CLOCK MODULE
RTC-7301SF EPSON-RTC-7301SF_15 Datasheet
268Kb / 2P
   REAL TIME CLOCK MODULE (4-bit)
RTC-72421 EPSON-RTC-72421_15 Datasheet
292Kb / 2P
   REAL TIME CLOCK MODULE (4-bit)
logo
List of Unclassifed Man...
RTC72421 ETC-RTC72421 Datasheet
634Kb / 2P
   4-bit REAL TIME CLOCK MODULE
RTC-64611 ETC1-RTC-64611 Datasheet
69Kb / 2P
   8-bit REAL TIME CLOCK MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com