Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS5463-ISZ Datasheet(PDF) 6 Page - Cirrus Logic

No. de pieza CS5463-ISZ
Descripción Electrónicos  Single Phase, Bi-directional Power/Energy IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463-ISZ Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5463-ISZ Datasheet HTML 2Page - Cirrus Logic CS5463-ISZ Datasheet HTML 3Page - Cirrus Logic CS5463-ISZ Datasheet HTML 4Page - Cirrus Logic CS5463-ISZ Datasheet HTML 5Page - Cirrus Logic CS5463-ISZ Datasheet HTML 6Page - Cirrus Logic CS5463-ISZ Datasheet HTML 7Page - Cirrus Logic CS5463-ISZ Datasheet HTML 8Page - Cirrus Logic CS5463-ISZ Datasheet HTML 9Page - Cirrus Logic CS5463-ISZ Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
CS5463
6
DS678PP1
2. PIN DESCRIPTION
Clock Generator
Crystal Out
Crystal In
1,24
XOUT, XIN - The output and input of an inverting amplifier. Oscillation occurs when connected to
a crystal, providing an on-chip system clock. Alternatively, an external clock can be supplied to
the XIN pin to provide the system clock for the device.
CPU Clock Output
2
CPUCLK - Output of on-chip oscillator which can drive one standard CMOS load.
Control Pins and Serial Data I/O
Serial Clock Input
5
SCLK - A Schmitt-Trigger input pin. Clocks data from the SDI pin into the receive buffer and out
of the transmit buffer onto the SDO pin when CS is low.
Serial Data Output
6
SDO -Serial port data output pin.SDO is forced into a high-impedance state when CS is high.
Chip Select
7
CS - Low, activates the serial port interface.
Mode Select
8
MODE - High, enables the “auto-boot” mode. The mode pin has an internal pull-down resistor.
Energy Output
18,21,22 E3, E1, E2 - Active-low pulses with an output frequency proportional to the selected power. Con-
figurable outputs for active, apparent, and reactive power, negative energy indication, zero cross
detection, and power failure monitoring. E1, E2, E3 outputs are configured in the Operational
Modes Register.
Reset
19
RESET - A Schmitt-Trigger input pin. Low activates Reset, all internal registers (some of which
drive output pins) are set to their default states.
Interrupt
20
INT - Low, indicates that an enabled event has occurred.
Serial Data Input
23
SDI - Serial port data input pin. Data will be input at a rate determined by SCLK.
Analog Inputs/Outputs
Differential Voltage Inputs
9,10
VIN+, VIN- - Differential analog input pins for the voltage channel.
Differential Current Inputs
15,16
IIN+, IIN- - Differential analog input pins for the current channel.
Voltage Reference Output
11
VREFOUT - The on-chip voltage reference output. The voltage reference has a nominal magni-
tude of 2.5 V and is referenced to the AGND pin on the converter.
Voltage Reference Input
12
VREFIN - The input to this pin establishes the voltage reference for the on-chip modulator.
Power Supply Connections
Positive Digital Supply
3
VD+ - The positive digital supply.
Digital Ground
4
DGND - Digital Ground.
Positive Analog Supply
14
VA+ - The positive analog supply.
Analog Ground
13
AGND - Analog ground.
Power Fail Monitor
17
PFMON - The power fail monitor pin monitors the analog supply. If the analog supply does not
meet or falls below PFMON’s voltage threshold, a Low-supply Detect (LSD) event is set in the
status register.
VREFIN
12
Voltage Reference Input
VREFOUT
11
Voltage Reference Output
VIN-
10
Differential Voltage Input
VIN+
9
Differential Voltage Input
MODE
8
Mode Select
CS
7
Chip Select
SDO
6
Serial Data Ouput
SCLK
5
Serial Clock
DGND
4
Digital Ground
VD+
3
Positive Digital Supply
CPUCLK
2
CPU Clock Output
XOUT
1
Crystal Out
AGND
13
Analog Ground
VA+
14
Positive Analog Supply
IIN-
15
Differential Current Input
IIN+
16
Differential Current Input
PFMON
17
Power Fail Monitor
E3
18
High Frequency Energy Output
RESET
19
Reset
INT
20
Interrupt
E1
21
Energy Output 1
22
SDI
23
Serial Data Input
XIN
24
Crystal In
E2
Energy Output 2


Número de pieza similar - CS5463-ISZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS5463-ISZ CIRRUS-CS5463-ISZ Datasheet
770Kb / 46P
   Single Phase, Bi-directional Power/Energy IC
CS5463-ISZ CIRRUS-CS5463-ISZ Datasheet
388Kb / 46P
   Single Phase, Bi-directional Power/Energy IC
More results

Descripción similar - CS5463-ISZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A_07 Datasheet
775Kb / 54P
   Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463_11 Datasheet
388Kb / 46P
   Single Phase, Bi-directional Power/Energy IC
CS5460A CIRRUS-CS5460A Datasheet
876Kb / 54P
   Single Phase Bi-Directional Power/Energy IC
CS5460 CIRRUS-CS5460 Datasheet
583Kb / 34P
   Single Phase Bi-Directional Power/Energy IC
CS5461A CIRRUS-CS5461A_08 Datasheet
705Kb / 44P
   Single Phase, Bi-directional Power/Energy IC
CS5461 CIRRUS-CS5461 Datasheet
336Kb / 46P
   Single Phase Bi-Directional Power/Energy IC
CS5463 CIRRUS-CS5463_08 Datasheet
770Kb / 46P
   Single Phase, Bi-directional Power/Energy IC
CS5461A CIRRUS-CS5461A Datasheet
757Kb / 41P
   Single Phase, Bi-directional Power/Energy IC
CS5461_0408 CIRRUS-CS5461_0408 Datasheet
665Kb / 45P
   Single Phase Bi-Directional Power/Energy IC
logo
Sames
SA2002H SAMES-SA2002H Datasheet
147Kb / 12P
   Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com