Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS5503-BSZ Datasheet(PDF) 6 Page - Cirrus Logic

No. de pieza CS5503-BSZ
Descripción Electrónicos  Non-aliasing, 16- & 20-bit A/D Converters
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5503-BSZ Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5503-BSZ Datasheet HTML 2Page - Cirrus Logic CS5503-BSZ Datasheet HTML 3Page - Cirrus Logic CS5503-BSZ Datasheet HTML 4Page - Cirrus Logic CS5503-BSZ Datasheet HTML 5Page - Cirrus Logic CS5503-BSZ Datasheet HTML 6Page - Cirrus Logic CS5503-BSZ Datasheet HTML 7Page - Cirrus Logic CS5503-BSZ Datasheet HTML 8Page - Cirrus Logic CS5503-BSZ Datasheet HTML 9Page - Cirrus Logic CS5503-BSZ Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
DIGITAL CHARACTERISTICS (T
A = Tmin to Tmax; VA+, VD+ = 5V
± 10%; VA-, VD- = -5V ± 10%)
Parameter
Symbol
Min
Typ
Max
Units
Calibration Memory Retention
Power Supply Voltage (VD+ and VA+)
VMR
2.0
-
-
V
High-Level Input Voltage All Except CLKIN
VIH
2.0
-
-
V
High-Level Input Voltage CLKIN
VIH
3.5
-
-
V
Low-Level Input Voltage All Except CLKIN
VIL
--
0.8
V
Low-Level Input Voltage CLKIN
VIL
--
1.5
V
High-Level Output Voltage
(Note 9)
VOH
(VD+)-1.0V
-
-
V
Low-Level Output Voltage
Iout=1.6mA
VOL
--
0.4
V
Input Leakage Current
Iin
--
10
µA
3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
Notes:
9. Iout = -100
µA. This guarantees the ability to drive one TTL load. (VOH = 2.4V @ Iout = -40 µA).
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Units
DC Power Supplies:
Positive Digital
Negative Digital
Positive Analog
Negative Analog
VD+
VD-
VA+
VA-
-0.3
0.3
-0.3
0.3
(VA+)+0.3
-6.0
6.0
-6.0
V
V
V
V
Input Current, Any Pin Except Supplies (Notes 10, 11)
Iin
-
±10
mA
Analog Input Voltage (AIN and VREF pins)
VINA
(VA-)-0.3
(VA+)+0.3
V
Digital Input Voltage
VIND
-0.3
(VA+)+0.3
V
Ambient Operating Temperature
TA
-55
125
Storage Temperature
Tstg
-65
150
Notes: 10. Applies to all pins including continuous overvoltage conditions at the analog input (AIN) pin.
11. Transient currents of up to 100mA will not cause SCR latch-up. Maximum input current for a power
supply pin is
± 50 mA.
CS5501/CS5503
6
DS31F4
CS5501 CS5503
6
DS31F5


Número de pieza similar - CS5503-BSZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS5503-BS CIRRUS-CS5503-BS Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
More results

Descripción similar - CS5503-BSZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS5101A CIRRUS-CS5101A_06 Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
CS5505_0910 CIRRUS-CS5505_0910 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5505 CIRRUS-CS5505_09 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
   16-Bit, 10MHz Sampling A/D Converters
logo
Analog Devices
ADDAC71 AD-ADDAC71_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
ADDAC72 AD-ADDAC72_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com