Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS5503-BSZ Datasheet(PDF) 8 Page - Cirrus Logic

No. de pieza CS5503-BSZ
Descripción Electrónicos  Non-aliasing, 16- & 20-bit A/D Converters
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5503-BSZ Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5503-BSZ Datasheet HTML 4Page - Cirrus Logic CS5503-BSZ Datasheet HTML 5Page - Cirrus Logic CS5503-BSZ Datasheet HTML 6Page - Cirrus Logic CS5503-BSZ Datasheet HTML 7Page - Cirrus Logic CS5503-BSZ Datasheet HTML 8Page - Cirrus Logic CS5503-BSZ Datasheet HTML 9Page - Cirrus Logic CS5503-BSZ Datasheet HTML 10Page - Cirrus Logic CS5503-BSZ Datasheet HTML 11Page - Cirrus Logic CS5503-BSZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
SWITCHING CHARACTERISTICS (continued) (TA = Tmin to Tmax; VA+, VD+ = 5V ± 10%;
VA-, VD- = -5V
± 10%; Input Levels: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF)
Parameter
Symbol
Min
Typ
Max
Units
SSC Mode (Mode = VD+)
Access Time
CS Low to SDATA Out
tcsd1
3/CLKIN
-
-
ns
SDATA Delay Time
SCLK Falling to New SDATA bit
tdd1
-
25
100
ns
SCLK Delay Time
SDATA MSB bit to SCLK Rising
(at 4.096 MHz)
tcd1
250
380
-
ns
Serial Clock
Pulse Width High (at 4.096 MHz)
(Out)
Pulse Width Low
tph1
tpl1
-
-
240
730
300
790
ns
Output Float Delay
SCLK Rising to Hi-Z
tfd2
-
1/CLKIN
+ 100
1/CLKIN
+ 200
ns
Output Float Delay
CS High to Output Hi-Z (Note 18)
tfd1
--
4/CLKIN
+200
ns
SEC Mode (Mode = DGND)
Serial Clock (In)
fsclk
dc
-
4.2
MHz
Serial Clock (In)
Pulse Width High
Pulse Width Low
tph2
tpl2
50
180
-
-
-
-
ns
Access Time
CS Low to Data Valid
(Note 19)
tcsd2
-
80
160
ns
Maximum Data Delay Time
(Note 20)
SCLK Falling to New SDATA bit
tdd2
-
75
150
ns
Output Float Delay
CS High to Output Hi-Z
tfd3
-
-
250
ns
Output Float Delay
SCLK Falling to Output Hi-Z
tfd4
-
100
200
ns
Notes: 18. If CS is returned high before all data bits are output, the SDATA and SCLK outputs will complete
the current data bit and then go to high impedance.
19. If CS is activated asynchronously to DRDY, CS will not be recognized if it occurs when DRDY is high
for 4 clock cycles. The propagation delay time may be as great as 4 CLKIN cycles plus 160 ns.
To guarantee proper clocking of SDATA when using asychronous CS, SCLK(i) should not be taken
high sooner than 4 CLKIN cycles plus 160ns after CS goes low.
20. SDATA transitions on the falling edge of SCLK(i).
SDATA
CS
fd1
t
Output Float Delay
SSC Mode (Note 19)
sls
t
CLKIN
SLEEP
Sleep Mode Timing for
Synchronization
VALID
CAL
SC1, SC2
scs
t
sch
t
Calibration Control Timing
CS5501/CS5503
8
DS31F4
CS5501 CS5503
8
DS31F5


Número de pieza similar - CS5503-BSZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS5503-BS CIRRUS-CS5503-BS Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
More results

Descripción similar - CS5503-BSZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS5101A CIRRUS-CS5101A_06 Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
CS5505_0910 CIRRUS-CS5505_0910 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5505 CIRRUS-CS5505_09 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
   16-Bit, 10MHz Sampling A/D Converters
logo
Analog Devices
ADDAC71 AD-ADDAC71_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
ADDAC72 AD-ADDAC72_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com