Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS61584A-IQ3 Datasheet(PDF) 5 Page - Cirrus Logic

No. de pieza CS61584A-IQ3
Descripción Electrónicos  DUAL T1/E1 LINE INTERFACE
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A-IQ3 Datasheet(HTML) 5 Page - Cirrus Logic

  CS61584A-IQ3 Datasheet HTML 1Page - Cirrus Logic CS61584A-IQ3 Datasheet HTML 2Page - Cirrus Logic CS61584A-IQ3 Datasheet HTML 3Page - Cirrus Logic CS61584A-IQ3 Datasheet HTML 4Page - Cirrus Logic CS61584A-IQ3 Datasheet HTML 5Page - Cirrus Logic CS61584A-IQ3 Datasheet HTML 6Page - Cirrus Logic CS61584A-IQ3 Datasheet HTML 7Page - Cirrus Logic CS61584A-IQ3 Datasheet HTML 8Page - Cirrus Logic CS61584A-IQ3 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
CS61584A
DS261PP5
5
DS261PP5
1. CHARACTERISTICS AND SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Notes: 1. Referenced to RGND1, RGND2, TGND1, TGND2, AGND, DGND at 0 V.
2. Transient currents of up to 100 mA will not cause SCR latch-up.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
Notes: 3. TV+1, TV+2, AV+, DV+, RV+1, RV+2 should be connected together. TGND1, TGND2, RGND1, GND2,
DGND1, DGND2, DGND3 should be connected together.
4. Per channel power consumption while driving line load over operating temperature range. Includes
device and load. Digital input levels are within 10% of the supply rails and digital outputs are driving a
50 pF capacitive load.
5. Assumes 100% ones density and maximum line length at maximum supply voltage (3.465 V or 5.25 V).
6. Assumes 50% ones density and 300 ft. line length at typical supply voltage (3.3 V or 5.0 V).
Specifications are subject to change without notice
Parameter
Symbol
Min
Max
Unit
DC Supply (TV+1, TV+2, RV+1, RV+2, AV+, DV+) (Note 1)
-
6.0
V
Input Voltage (Any Pin)
Vin
RGND - 0.3
(RV+) + 0.3
V
Input Current (Any Pin)
(Note 2)
Iin
-10
10
mA
Ambient Operating Temperature
TA
-40
85
°C
Storage Temperature
Tstg
-65
150
°C
Parameter
Symbol
Min
Typ
Max
Unit
DC Supply (TV+1, TV+2, RV+1, RV+2, AV+, DV+) (Note 3)
3.3 V
5.0 V
3.135
4.75
3.3
5.0
3.465
5.25
V
Ambient Operating Temperature
TA
-40
25
85
°C
Power Consumption Per Channel (3.3 V)
(Note 4)
T1
(Note 5)
T1
(Note 6)
E1, 75
(Note 5)
E1, 120
(Note 5)
PC
-
-
-
-
310
190
250
230
-
-
-
-
mW
Power Consumption Per Channel (5.0 V)
(Note 4)
T1
(Note 5)
T1
(Note 6)
E1, 75
(Note 5)
E1, 120
(Note 5)
PC
-
-
-
-
350
250
320
310
-
-
-
-
mW
REFCLK Frequency
T1
1XCLK = 1
T1
1XCLK = 0
(1.544 -
100 ppm)
(12.352 -
100 ppm)
1.544
12.352
(1.544 +
100 ppm)
(12.352 +
100 ppm)
MHz
MHz
REFCLK Frequency
E1
1XCLK = 1
E1
1XCLK = 0
(2.048 -
100 ppm)
(16.384 -
100 ppm)
2.048
16.384
(2.048 +
100 ppm)
(16.384 +
100 ppm)
MHz
MHz
CS61584A
DS261F1
5


Número de pieza similar - CS61584A-IQ3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS61581 CIRRUS-CS61581 Datasheet
810Kb / 37P
   T1/E1 Universal Line Interface
CS61581-IL CIRRUS-CS61581-IL Datasheet
810Kb / 37P
   T1/E1 Universal Line Interface
CS61582 CIRRUS-CS61582 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
CS61582-IQ5 CIRRUS-CS61582-IQ5 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
CS61583 CIRRUS-CS61583 Datasheet
709Kb / 44P
   DUAL T1/E1 LINE INTERFACE
More results

Descripción similar - CS61584A-IQ3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS61583 CIRRUS-CS61583 Datasheet
709Kb / 44P
   DUAL T1/E1 LINE INTERFACE
CS61582 CIRRUS-CS61582 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
logo
Level One
LXT331 LVL1-LXT331 Datasheet
692Kb / 20P
   Dual T1/E1 Line Interface Unit
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
   T1/E1 Line Interface
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
   T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
   T1/E1 Line Interface
CS61577 CIRRUS-CS61577_09 Datasheet
438Kb / 30P
   T1/E1 Line Interface
CS61535A CIRRUS-CS61535A Datasheet
664Kb / 48P
   T1/E1 LINE INTERFACE
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com