Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC1455BP1 Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza MC1455BP1
Descripción Electrónicos  Timers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1455BP1 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC1455BP1 Datasheet HTML 2Page - ON Semiconductor MC1455BP1 Datasheet HTML 3Page - ON Semiconductor MC1455BP1 Datasheet HTML 4Page - ON Semiconductor MC1455BP1 Datasheet HTML 5Page - ON Semiconductor MC1455BP1 Datasheet HTML 6Page - ON Semiconductor MC1455BP1 Datasheet HTML 7Page - ON Semiconductor MC1455BP1 Datasheet HTML 8Page - ON Semiconductor MC1455BP1 Datasheet HTML 9Page - ON Semiconductor MC1455BP1 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MC1455, MC1455B, NCV1455B
http://onsemi.com
8
Pulse Width Modulation
If the timer is triggered with a continuous pulse train in the
monostable mode of operation, the charge time of the
capacitor can be varied by changing the control voltage at
Pin 5. In this manner, the output pulse width can be
modulated by applying a modulating signal that controls the
threshold voltage.
Figure 24. Pulse Width Modulator
+VCC (5.0 V to 15 V)
RL
Output
Clock
Input
Modulation
Input
C
7
6
5
RA
48
3
2
1
MC1455
t = 0.5 ms/cm
(RA = 10 kW, C = 0.02 mF, VCC = 15 V)
Figure 25. Pulse Width Modulation Waveforms
Test Sequences
Several timers can be connected to drive each other for
sequential timing. An example is shown in Figure 26 where
the sequence is started by triggering the first timer which
runs for 10 ms. The output then switches low momentarily
and starts the second timer which runs for 50 ms and so forth.
Figure 26. Sequential Timer
Load
MC1455
6
7
2
84
5
3
27 k
1
5.0
mF
Load
MC1455
9.1 k
6
7
1.0
mF
2
84
5
3
0.01
mF
27 k
1
0.001
mF
5.0
mF
MC1455
6
7
2
84
5
3
1
Load
0.001
mF
18.2 k
9.1 k
0.01
mF
0.01
mF
VCC (5.0 V to 15 V)
DEVICE ORDERING INFORMATION
Device
Operating Temperature Range
Package
Shipping
MC1455P1
TA = 0°C to +70°C
Plastic Dip
50 Units/Rail
MC1455D
TA = 0°C to +70°C
SO−8
98 Units/Rail
MC1455BD
TA = −40°C to +85°C
SO−8
98 Units/Rail
MC1455BP1
TA = −40°C to +85°C
Plastic Dip
50 Units/Rail
NCV1455BDR2*
TA = −40°C to +125°C
SO−8
2500/Tape & Rail
*NCV prefix is for automotive and other applications requiring site and control changes.


Número de pieza similar - MC1455BP1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC1455BP1 ONSEMI-MC1455BP1 Datasheet
147Kb / 10P
   Timers
March, 2004 ??Rev. 8
logo
Motorola, Inc
MC1455BP1 MOTOROLA-MC1455BP1 Datasheet
52Kb / 4P
   Timing Circuits
logo
ON Semiconductor
MC1455BP1 ONSEMI-MC1455BP1 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455BP1 ONSEMI-MC1455BP1 Datasheet
223Kb / 11P
   Timers Direct Replacement for NE555 Timers Adjustable Duty Cycle
December, 2009 ??Rev. 10
logo
Motorola, Inc
MC1455BP1D MOTOROLA-MC1455BP1D Datasheet
52Kb / 4P
   Timing Circuits
More results

Descripción similar - MC1455BP1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
   Timers
March, 2004 ??Rev. 8
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
Texas Instruments
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
logo
Carlo Gavazzi Holding A...
DMB01 CARLOGAVAZZI-DMB01 Datasheet
138Kb / 4P
   Timers Multifunction
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
Texas Instruments
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
[Old version datasheet]   LinCMOSE TIMERS
logo
List of Unclassifed Man...
EBSSM2310M ETC2-EBSSM2310M Datasheet
63Kb / 2P
   Timers Interval
DMB01CM24 ETC2-DMB01CM24 Datasheet
132Kb / 4P
   Timers Multifunction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com