Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


IRF2903Z Datasheet(Hoja de datos) 1 Page - International Rectifier

No. de Pieza. IRF2903Z
Descripción  HEXFET Power MOSFET
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo 

 
 1 page
background image
8/26/05
www.irf.com
1
AUTOMOTIVE MOSFET
PD - 96988A
HEXFET® Power MOSFET
Specifically designed for Automotive applications,
this HEXFET® Power MOSFET utilizes the latest
processing techniques to achieve extremely low on-
resistance per silicon area. Additional features of
this design are a 175°C junction operating tempera-
ture, fast switching speed and improved repetitive
avalanche rating . These features combine to make
this design an extremely efficient and reliable device
for use in Automotive applications and a wide variety
of other applications.
Description
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
Features
IRF2903Z
IRF2903ZS
IRF2903ZL
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
A
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
™
PD @TC = 25°C Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS (Thermally limited) Single Pulse Avalanche Energyd
mJ
EAS (Tested )
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
g
mJ
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
Mounting Torque, 6-32 or M3 screw
i
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
k
–––
0.51
RθCS
Case-to-Sink, Flat, Greased Surface
i
0.50
–––
°C/W
RθJA
Junction-to-Ambient
ik
–––
62
RθJA
Junction-to-Ambient (PCB Mount, steady state)
jk
–––
40
820
290
See Fig.12a, 12b, 15, 16
290
2.0
± 20
Max.
260
180
1020
75
-55 to + 175
300 (1.6mm from case )
10 lbf
yin (1.1Nym)
VDSS = 30V
RDS(on) = 2.4mΩ
ID = 75A
S
D
G
D2Pak
IRF2903ZS
TO-220AB
IRF2903Z
TO-262
IRF2903ZL
S
D
G
D
S
D
G
D
D
S
D
G
GD
S
Gate
Drain
Source




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
IRF7341HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLR2905HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7494HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3303HEXFET POWER MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL2703SHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFIZ24GHEXFET POWER MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3202HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3716HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7328HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl