Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2390 Datasheet(PDF) 6 Page - Hitachi Semiconductor

No. de pieza 2SK2390
Descripción Electrónicos  Silicon N-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2390 Datasheet(HTML) 6 Page - Hitachi Semiconductor

  2SK2390 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2390 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2390 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2390 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2390 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2390 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2390 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2390 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2390 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2SK2390
6
Reverse Drain Current
I
(A)
DR
Body to Drain Diode Reverse
Recovery Time
0.1
0.3
1
3
10
30
100
500
200
100
20
50
10
5
di/dt = 50 A/
µs
V
= 0, Ta = 25
°C
GS
010
20
30
40
50
Drain to Source Voltage V
(V)
DS
Typical Capacitance vs.
Drain to Source Voltage
10
1000
200
500
100
20
50
V
= 0
f = 1 MHz
GS
Ciss
Coss
Crss
100
80
60
40
20
0
Gate Charge
Qg (nc)
20
16
12
8
4
0
Dynamic Input Characteristics
V
= 10 V
25 V
50 V
DD
VGS
DS
V
I
= 15 A
D
V
= 50 V
25 V
10 V
DD
816
24
32
40
Drain Current
I
(A)
D
Switching Characteristics
t f
r
t
d(on)
t
d(off)
t
500
200
100
20
50
10
5
0.2
0.5
1
2
5
10
20
V
= 10 V, V
= 30 V
PW = 5 µs, duty < 1 %
GS
DD


Número de pieza similar - 2SK2390

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK2390 ISC-2SK2390 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK2390

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com