Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14572UBD Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC14572UBD
Descripción Electrónicos  Hex Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14572UBD Datasheet(HTML) 1 Page - ON Semiconductor

  MC14572UBD Datasheet HTML 1Page - ON Semiconductor MC14572UBD Datasheet HTML 2Page - ON Semiconductor MC14572UBD Datasheet HTML 3Page - ON Semiconductor MC14572UBD Datasheet HTML 4Page - ON Semiconductor MC14572UBD Datasheet HTML 5Page - ON Semiconductor MC14572UBD Datasheet HTML 6Page - ON Semiconductor MC14572UBD Datasheet HTML 7Page - ON Semiconductor MC14572UBD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 3
1
Publication Order Number:
MC14572UB/D
MC14572UB
Hex Gate
The MC14572UB hex functional gate is constructed with MOS
P–channel and N–channel enhancement mode devices in a single
monolithic structure. These complementary MOS logic gates find
primary use where low power dissipation and/or high noise immunity
is desired. The chip contains four inverters, one NOR gate and one
NAND gate.
Diode Protection on All Inputs
Single Supply Operation
Supply Voltage Range = 3.0 Vdc to 18 Vdc
NOR Input Pin Adjacent to V
SS Pin to Simplify Use As An Inverter
NAND Input Pin Adjacent to V
DD Pin to Simplify Use As An
Inverter
NOR Output Pin Adjacent to Inverter Input Pin For OR Application
NAND Output Pin Adjacent to Inverter Input Pin For AND
Application
Capable of Driving Two Low–power TTL Loads or One Low–Power
Schottky TTL Load over the Rated Temperature Range
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 2.)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
– 0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation,
per Package (Note 3.)
500
mW
TA
Ambient Temperature Range
– 55 to +125
°C
Tstg
Storage Temperature Range
– 65 to +150
°C
TL
Lead Temperature
(8–Second Soldering)
260
°C
2. Maximum Ratings are those values beyond which damage to the device
may occur.
3. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high–impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level (e.g.,
either VSS or VDD). Unused outputs must be left open.
http://onsemi.com
A
= Assembly Location
WL or L
= Wafer Lot
YY or Y
= Year
WW or W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
MC14572UBCP
PDIP–16
2000/Box
MC14572UBD
SOIC–16
48/Rail
MC14572UBDR2
SOIC–16
2500/Tape & Reel
1. For ordering information on the EIAJ version of
the SOIC packages, please contact your local
ON Semiconductor representative.
MARKING
DIAGRAMS
1
16
PDIP–16
P SUFFIX
CASE 648
MC14572UBCP
AWLYYWW
SOIC–16
D SUFFIX
CASE 751B
1
16
14572U
AWLYWW
SOEIAJ–16
F SUFFIX
CASE 966
1
16
MC14572UB
AWLYWW
MC14572UBFEL
SOEIAJ–16
See Note 1.
MC14572UBF
SOEIAJ–16
See Note 1.


Número de pieza similar - MC14572UBD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14572UBD ONSEMI-MC14572UBD Datasheet
94Kb / 6P
   Hex Gate
June, 2006 ??Rev. 6
MC14572UBDG ONSEMI-MC14572UBDG Datasheet
94Kb / 6P
   Hex Gate
June, 2006 ??Rev. 6
MC14572UBDG ONSEMI-MC14572UBDG Datasheet
115Kb / 6P
   Hex Gate
June, 2011 ??Rev. 7
MC14572UBDG ONSEMI-MC14572UBDG Datasheet
97Kb / 5P
   Hex Gate
July, 2014 ??Rev. 10
MC14572UBDR2 ONSEMI-MC14572UBDR2 Datasheet
94Kb / 6P
   Hex Gate
June, 2006 ??Rev. 6
More results

Descripción similar - MC14572UBD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HD14572UB HITACHI-HD14572UB Datasheet
65Kb / 6P
   Hex Gate
logo
STMicroelectronics
HCC4572B STMICROELECTRONICS-HCC4572B Datasheet
201Kb / 6P
   HEX GATE
logo
ON Semiconductor
MC14572UB ONSEMI-MC14572UB_14 Datasheet
97Kb / 5P
   Hex Gate
July, 2014 ??Rev. 10
MC14572UB ONSEMI-MC14572UB_06 Datasheet
94Kb / 6P
   Hex Gate
June, 2006 ??Rev. 6
MC14572UB ONSEMI-MC14572UB_11 Datasheet
115Kb / 6P
   Hex Gate
June, 2011 ??Rev. 7
logo
Texas Instruments
CD4572UB TI-CD4572UB Datasheet
277Kb / 6P
[Old version datasheet]   CMOS HEX GATE
logo
ON Semiconductor
MC10197 ONSEMI-MC10197 Datasheet
99Kb / 4P
   Hex AND Gate
1996 REV 5
logo
Texas Instruments
SN74AUC34 TI1-SN74AUC34 Datasheet
610Kb / 11P
[Old version datasheet]   HEX BUFFER GATE
CD4572UBE TI-CD4572UBE Datasheet
1Mb / 16P
[Old version datasheet]   CMOS Hex Gate
logo
National Semiconductor ...
DM54L04 NSC-DM54L04 Datasheet
82Kb / 4P
   Hex Inverting Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com