Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC1495P Datasheet(PDF) 11 Page - ON Semiconductor

No. de pieza MC1495P
Descripción Electrónicos  LINEAR FOUR-QUADRANT MULTIPLIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1495P Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC1495P Datasheet HTML 7Page - ON Semiconductor MC1495P Datasheet HTML 8Page - ON Semiconductor MC1495P Datasheet HTML 9Page - ON Semiconductor MC1495P Datasheet HTML 10Page - ON Semiconductor MC1495P Datasheet HTML 11Page - ON Semiconductor MC1495P Datasheet HTML 12Page - ON Semiconductor MC1495P Datasheet HTML 13Page - ON Semiconductor MC1495P Datasheet HTML 14Page - ON Semiconductor MC1495P Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC1495
http://onsemi.com
11
X, Y and Output Offset Voltages
VO
Output
Offset
Vx
X Offset
Y Offset
Vy
Output
Offset
VO
For most dc applications, all three offset adjust
potentiometers (P1, P2, P4) will be necessary. One or more
offset adjust potentiometers can be eliminated for ac
applications (see Figures 28, 29, 30, 31).
If well regulated supply voltages are available, the offset
adjust circuit of Figure 13 is recommended. Otherwise, the
circuit of Figure 14 will greatly reduce the sensitivity to
power supply changes.
Scale Factor
The scale factor K is set by P3 (Figure 21). P3 varies I3
which inversely controls the scale factor K. It should be
noted that current I3 is one-half the current through R1. R1
sets the bias level for Q5, Q6, Q7, and Q8 (see Figure 3).
Therefore, to be sure that these devices remain active under
all conditions of input and output swing, care should be
exercised in adjusting P3 over wide voltage ranges (see
General Design Procedure).
Adjustment Procedures
The following adjustment procedure should be used to
null the offsets and set the scale factor for the multiply mode
of operation, (see Figure 21).
1. X-Input Offset
(a) Connect oscillator (1.0 kHz, 5.0 Vpp sinewave)
to the Y-input (Pin 4).
(b) Connect X-input (Pin 9) to ground.
(c) Adjust X offset potentiometer (P2) for an ac
null at the output.
2. Y-Input Offset
(a) Connect oscillator (1.0 kHz, 5.0 Vpp sinewave)
to the X-input (Pin 9).
(b) Connect Y-input (Pin 4) to ground.
(c) Adjust Y offset potentiometer (P1) for an ac null
at the output.
3. Output Offset
(a) Connect both X and Y-inputs to ground.
(b) Adjust output offset potentiometer (P4) until
the output voltage (VO) is 0 Vdc.
4. Scale Factor
(a) Apply +10 Vdc to both the X and Y-inputs.
(b) Adjust P3 to achieve + 10 V at the output.
5. Repeat steps 1 through 4 as necessary.
The ability to accurately adjust the MC1495 depends upon
the characteristics of potentiometers P1 through P4.
Multi-turn, infinite resolution potentiometers with low
temperature coefficients are recommended.
DC APPLICATIONS
Multiply
The circuit shown in Figure 21 may be used to multiply
signals from dc to 100 kHz. Input levels to the actual
multiplier are 5.0 V (max). With resistive voltage dividers
the maximum could be very large however, for this
application two-to-one dividers have been used so that the
maximum input level is 10 V. The maximum output level
has also been designed for 10 V (max).
Squaring Circuit
If the two inputs are tied together, the resultant function is
squaring; that is VO = KV2 where K is the scale factor. Note
that all error terms can be eliminated with only three
adjustment potentiometers, thus eliminating one of the input
offset adjustments. Procedures for nulling with adjustments
are given as follows:
A. AC Procedure:
1.
Connect oscillator (1.0 kHz, 15 Vpp) to input.
2.
Monitor output at 2.0 kHz with tuned voltmeter
and adjust P3 for desired gain. (Be sure to peak
response of the voltmeter.)
3.
Tune voltmeter to 1.0 kHz and adjust P1 for a
minimum output voltage.
4.
Ground input and adjust P4 (output offset) for
0 Vdc output.
5.
Repeat steps 1 through 4 as necessary.
B. DC Procedure:
1.
Set VX = VY = 0 V and adjust P4 (output offset
potentiometer) such that VO = 0 Vdc
2.
Set VX = VY = 1.0 V and adjust P1 (Y-input offset
potentiometer) such that the output voltage is
+ 0.100 V.
3.
Set VX = VY = 10 Vdc and adjust P3 such that
the output voltage is + 10 V.
4.
Set VX = VY = –10 Vdc. Repeat steps 1 through
3 as necessary.
Figure 24. Basic Divide Circuit
X
KVX VY
VX
R1
VY
-
+
R2
I2
I1
VZ


Número de pieza similar - MC1495P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
MC1495D MOTOROLA-MC1495D Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
MC1495L MOTOROLA-MC1495L Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
More results

Descripción similar - MC1495P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
ON Semiconductor
MC1494 ONSEMI-MC1494 Datasheet
319Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER INTEGRATED CIRCUIT
1996 REV 0
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
   Four-Channel, Four-Quadrant Analog Multiplier
REV. B
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com