Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SC-05-15J Datasheet(PDF) 1 Page - Kemet Corporation

No. de pieza SC-05-15J
Descripción Electrónicos  Common Mode SC Coils, SC-J Series, Terminal Base Type
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation

SC-05-15J Datasheet(HTML) 1 Page - Kemet Corporation

  SC-05-15J Datasheet HTML 1Page - Kemet Corporation SC-05-15J Datasheet HTML 2Page - Kemet Corporation SC-05-15J Datasheet HTML 3Page - Kemet Corporation SC-05-15J Datasheet HTML 4Page - Kemet Corporation SC-05-15J Datasheet HTML 5Page - Kemet Corporation SC-05-15J Datasheet HTML 6Page - Kemet Corporation SC-05-15J Datasheet HTML 7Page - Kemet Corporation SC-05-15J Datasheet HTML 8Page - Kemet Corporation SC-05-15J Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0006_SC-J • 10/14/2019
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
One world. One KEMET
Benefits
• Proprietary 5H, 7H and 10H ferrite materials and
equivalents
• Suitablefor≥150kHzrange
• Widevarietyofsizesandspecifications
• Operatingtemperaturerangefrom−25°Cto+105°C
or+120°C
• UL94V–0flameretardantratedbaseandcap
Overview
The KEMET SC-J coils are common mode chokes with a
wide variety of characteristics. These toroidal coils are
designedwithourproprietaryferritecoresandareusefulin
variousnoisecountermeasurefields.
Applications
• Audio-visual equipment
• Home appliances
• Power supplies
AC Line Filters
Common Mode SC Coils, SC-J Series, Terminal Base Type
Part Number System
SC-
10-
20
J
Series
Dimension Code
(See Dimensions)
Rated Current
(A)
Thermal Class
Inductance (mH)
Minimum
Terminal
Base Type
Internal
Control Code
SC
Blank
22
0x = x A
x0 = x0 A
xx = xx A
Examples:
02 = 2 A
10 = 10 A
15 = 15 A
Note: With exceptions,
see Table 1 for details.
Blank
E = Class E
Note: With exceptions,
see Table 1 for details.
x0 = x mH
xx = x.x mH
0x = 0.x mH
xxx = xx.x mH
Examples:
20 = 2 mH
15 = 1.5 mH
05 = 0.5 mH
115 = 11.5 mH
Note: With exceptions,
see Table 1 for details.
J
Blank
A
B
M
MI
N
P


Número de pieza similar - SC-05-15J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
SC-05-15J KEMET-SC-05-15J Datasheet
91Kb / 1P
   KEMET, SC-J, AC Line Filters, Common Mode, 1500 uH
More results

Descripción similar - SC-05-15J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
SC-10-20J KEMET-SC-10-20J Datasheet
412Kb / 5P
   SC Coils, SC-J Terminal Base Type
SC-10-20JH KEMET-SC-10-20JH Datasheet
367Kb / 4P
   SC Coils, SC-JH Terminal Base Type
SC-02-300JV KEMET-SC-02-300JV Datasheet
307Kb / 4P
   SC Coils, SC-JV Terminal Base Type
SC-02-20JS KEMET-SC-02-20JS Datasheet
334Kb / 4P
   SC Coils, SC-JS Terminal Base Type
SC-02-30GJ KEMET-SC-02-30GJ Datasheet
398Kb / 5P
   SC Coils, SC-GJ Terminal Base Type
SC-01-06G KEMET-SC-01-06G_V01 Datasheet
509Kb / 9P
   Common Mode SC Coils, SC-G/GS Series, Small Type
SC-02-101 KEMET-SC-02-101_V01 Datasheet
1Mb / 17P
   Common Mode SC Coils, Standard Series
SN10-300J KEMET-SN10-300J_V01 Datasheet
384Kb / 6P
   Differential Mode SN Coils, SN-J Series, Terminal Base Type
logo
LEM
SC-01-E150G LEM-SC-01-E150G Datasheet
442Kb / 5P
   SC Coils, SC-G/GS Small Type
logo
Kemet Corporation
SC-01-E150G KEMET-SC-01-E150G Datasheet
442Kb / 5P
   SC Coils, SC-G/GS Small Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com