Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33076P1 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC33076P1
Descripción Electrónicos  DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33076P1 Datasheet(HTML) 1 Page - ON Semiconductor

  MC33076P1 Datasheet HTML 1Page - ON Semiconductor MC33076P1 Datasheet HTML 2Page - ON Semiconductor MC33076P1 Datasheet HTML 3Page - ON Semiconductor MC33076P1 Datasheet HTML 4Page - ON Semiconductor MC33076P1 Datasheet HTML 5Page - ON Semiconductor MC33076P1 Datasheet HTML 6Page - ON Semiconductor MC33076P1 Datasheet HTML 7Page - ON Semiconductor MC33076P1 Datasheet HTML 8Page - ON Semiconductor MC33076P1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MC33076
SEMICONDUCTOR
TECHNICAL DATA
DUAL HIGH OUTPUT
CURRENT OPERATIONAL
AMPLIFIER
Order this document by MC33076/D
PIN CONNECTIONS
(8 Pin Pkg, Top View)
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
16
15
14
13
12
11
10
9
Inputs 1
1
2
3
4
5
6
7
8
NC
NC
VEE
Inputs 2
Output 1
NC
VCC
VEE
NC
NC
Output 2
PIN CONNECTIONS
(16 Pin Pkg, Top View)
+
2
+
1
8
1
8
1
P1 SUFFIX
PLASTIC PACKAGE
CASE 626
16
1
P2 SUFFIX
PLASTIC PACKAGE
CASE 648C
DIP (12+2+2)
8
7
6
5
Inputs 1
1
2
3
4
Output 1
VEE
Output 2
VCC
Inputs 2
+ 1
+
2
ORDERING INFORMATION
Device
Operating
Temperature Range
Package
MC33076D
TA = – 40° to + 85°C
SO–8
MC33076P1
Plastic DIP
MC33076P2
Power Plastic
1
MOTOROLA ANALOG IC DEVICE DATA
Dual High Output Current,
Low Power, Low Noise
Bipolar Operational Amplifier
The MC33076 operational amplifier employs bipolar technology with
innovative high performance concepts for audio and industrial applications.
This device uses high frequency PNP input transistors to improve frequency
response. In addition, the amplifier provides high output current drive
capability while minimizing the drain current. The all NPN output stage
exhibits no deadband crossover distortion, large output voltage swing,
excellent phase and gain margins, low open loop high frequency output
impedance and symmetrical source and sink AC frequency performance.
The MC33076 is tested over the automotive temperature range and is
available in an 8–pin SOIC package (D suffix) and in both the standard 8 pin
DIP and 16–pin DIP packages for high power applications.
100 Ω Output Drive Capability
Large Output Voltage Swing
Low Total Harmonic Distortion
High Gain Bandwidth: 7.4 MHz
High Slew Rate: 2.6 V/µs
Dual Supply Operation: ±2.0 V to ±18 V
High Output Current: ISC = 250 mA typ
Similar Performance to MC33178
Equivalent Circuit Schematic
(Each Amplifier)
Vin+
VCC
Vin–
VEE
Iref
Iref
CC
CM
Vout
© Motorola, Inc. 1996
Rev 0


Número de pieza similar - MC33076P1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33076P1 ONSEMI-MC33076P1 Datasheet
153Kb / 12P
   Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
February, 2001 ??Rev. 1
More results

Descripción similar - MC33076P1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2607 BURR-BROWN-OPA2607 Datasheet
174Kb / 11P
   Dual, High Output, Current-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com