Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33263 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC33263
Descripción Electrónicos  Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33263 Datasheet(HTML) 2 Page - ON Semiconductor

  MC33263 Datasheet HTML 1Page - ON Semiconductor MC33263 Datasheet HTML 2Page - ON Semiconductor MC33263 Datasheet HTML 3Page - ON Semiconductor MC33263 Datasheet HTML 4Page - ON Semiconductor MC33263 Datasheet HTML 5Page - ON Semiconductor MC33263 Datasheet HTML 6Page - ON Semiconductor MC33263 Datasheet HTML 7Page - ON Semiconductor MC33263 Datasheet HTML 8Page - ON Semiconductor MC33263 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC33263
http://onsemi.com
2
DEVICE MARKING
XALYW
Marking
Version
1st Digit
A
2.8 V
B
3.0 V
C
3.2 V
D
3.3 V
E
3.8 V
F
4.0 V
G
4.75 V
H
5.0 V
2nd Digit
A
Location Code
3rd Digit
L
Wafer Lot Traceability
4th/5th Digits
YW
Date Code
MAXIMUM RATINGS
Rating
Symbol
Pin #
Value
Unit
Power Supply Voltage
Vin
6
12
V
Power Dissipation and Thermal Resistance
Maximum Power Dissipation
PD
Internally
W
NW Suffix, Plastic Package
Limited
Thermal Resistance, Junction–to–Air
RqJA
210
°C/W
Thermal Resistance, Junction–to–Case
RqJC
°C/W
Operating Ambient Temperature
TA
–40 to +85
°C
Maximum Junction Temperature
TJmax
150
°C
Storage Temperature Range
Tstg
–60 to +150
°C
ELECTRICAL CHARACTERISTICS (For typical values TA = 25°C, for min/max values TA = –40°C to +85°C, Max TJ = 150°C)
Characteristics
Symbol
Pin #
Min
Typ
Max
Unit
CONTROL ELECTRICAL CHARACTERISTICS
Input Voltage Range
VON/OFF
1
0
Vin
V
ON/OFF Input Current (All versions)
ION/OFF
1
mA
VON/OFF = 2.4 V
2.5
ON/OFF Input Voltages (All versions)
VON/OFF
1
V
Logic “0”, i.e. OFF State
0.3
Logic “1”, i.e. ON State
2.2
CURRENTS PARAMETERS
Current Consumption in OFF State (All versions)
IQOFF
mA
OFF Mode Current: Vin = Vout + 1.0 V, Iout = 0 mA
0.1
2.0
Current Consumption in ON State (All versions)
IQON
mA
ON Mode Sat Current: Vin = Vout + 1.0 V, Iout = 0 mA
170
200
Current Consumption in Saturation ON State (All versions)
IQSAT
mA
ON Mode Sat Current: Vin = Vout – 0.5 V, Iout = 0 mA
900
1400
Current Limit Vin = Vout + 1.0 V, (All versions)
IMAX
mA
Output Short–circuited (Note 1.)
175
210
1. Iout (Output Current) is the measured current when the output voltage drops below 0.3 V with respect to Vout at Iout = 30 mA.
XALYW
Pin 1 Ink
Mark Identifier
or
Solid Pin 1 Dot
or Dimple
SOT–23L
65
4
12
3


Número de pieza similar - MC33263

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33260 ONSEMI-MC33260 Datasheet
436Kb / 20P
   GreenLine Compact Power Factor Controller:Innovative Circuit for Cost Effective Solutions
November, 1999 ??Rev. 1
MC33260 ONSEMI-MC33260 Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
MC33260 ONSEMI-MC33260 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33260 ONSEMI-MC33260 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
MC33260D ONSEMI-MC33260D Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
More results

Descripción similar - MC33263

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
NCP623 ONSEMI-NCP623_06 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
MC33761 ONSEMI-MC33761 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
NCP4561 ONSEMI-NCP4561 Datasheet
129Kb / 16P
   ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL
May, 2002 ??Rev. 2
logo
NXP Semiconductors
SA57031-XX PHILIPS-SA57031-XX Datasheet
161Kb / 13P
   Micropower 150 mA, low-noise, low dropout linear regulator with on/off
2003 Jun 23
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
MC33762 ONSEMI-MC33762 Datasheet
218Kb / 16P
   Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2003 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com