Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDM7101-XC-W Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza SDM7101-XC-W
Descripción Electrónicos  Technical Specification for Optical Transceiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

SDM7101-XC-W Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SDM7101-XC-W Datasheet HTML 1Page - List of Unclassifed Manufacturers SDM7101-XC-W Datasheet HTML 2Page - List of Unclassifed Manufacturers SDM7101-XC-W Datasheet HTML 3Page - List of Unclassifed Manufacturers SDM7101-XC-W Datasheet HTML 4Page - List of Unclassifed Manufacturers SDM7101-XC-W Datasheet HTML 5Page - List of Unclassifed Manufacturers SDM7101-XC-W Datasheet HTML 6Page - List of Unclassifed Manufacturers SDM7101-XC-W Datasheet HTML 7Page - List of Unclassifed Manufacturers SDM7101-XC-W Datasheet HTML 8Page - List of Unclassifed Manufacturers SDM7101-XC-W Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
- 5 / 9 -
(SDM7101-XC,SDM7101-XC)
Specification:TS-S97D022C
Date : August , 2000
4. Pin Assignment
5. Absolute Maximum Ratings
Warning
Usetheproductwiththeratedvoltagedescribedinthespecification.Ifthevoltageexceedsthemaximumrating,overheatingorfiremay
occur.
Caution
Donotstoretheproductintheareawheretemperatureexceedsthemaximumrating,wherethereistoomuchmoistureordampness,
wherethereisacidgasorcorrosivegas,orotherextremeconditions.Otherwise,failure,overheatingorfiremayoccur.
No.
Symbol
Function
1
Veerx
Power Supply (-) for Receiver : Connected to GND
2
RD
Differential Data Output (Positive)
3
RDb
Differential Data Output (Negative)
4
FLAG(SD)
FLAG (Signal Detect)
5
Vccrx
Power Supply (+) for Receiver : Connected to +5.0V
6
Vcctx
Power Supply (+) for Transmitter : Connected to +5.0V
7
TDb
Transmitter Differential Data (Negative)
8
TD
Transmitter Differential Data (Positive)
9
Veetx
Power Supply (-) for Transmitter : Connected to GND
Parameter
Symbol
min.
Max
Unit
Note
Storage Case Temperature
Ts
-40
85
°C
1
Operating Case Teperature
Tc
0
70
°C
1, 2
-40
85
°C
1, 3
Supply Voltage
Vcc-Vee
0.0
6.0
V
4
Input Voltage
Vi
Vee
Vcc+0.5
V
5
Lead Soldering (Temperature)
260
°C
6
(Time)
10
sec.
Note 1. No condensation allowed. 2. SDM7101-XC 3. SDM7101-XC-W 4. Vcc>Vee, Vcc=+5.0V, Vee=GND
5. TD, TDb 6. Measured on lead pin at 2mm (0.079in.) off the package bottom


Número de pieza similar - SDM7101-XC-W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Apacer Technology Inc.
SDM7-M-7P180D-DP APACER-SDM7-M-7P180D-DP Datasheet
694Kb / 4P
   SATA Disk Module 7 7Pin/180 Degree DP
SDM7-SL-7P180D-DP APACER-SDM7-SL-7P180D-DP Datasheet
721Kb / 4P
   SATA Disk Module 7 7Pin/180 Degree DP
More results

Descripción similar - SDM7101-XC-W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sharp Corporation
GP2W0110YP SHARP-GP2W0110YP Datasheet
700Kb / 24P
   TECHNICAL LITERATURE FOR Optical Data communication transceiver
logo
Panasonic Semiconductor
CND0004A PANASONIC-CND0004A Datasheet
47Kb / 3P
   Optical Transceiver Module for IrDA
logo
OPTREX CORPORATION
F-51373GNC-LW-AJ OPTREX-F-51373GNC-LW-AJ Datasheet
595Kb / 20P
   LCD MODULE TECHNICAL SPECIFICATION FOR TRIAL
F-51477GNF-SLY-AA OPTREX-F-51477GNF-SLY-AA Datasheet
478Kb / 18P
   LCD MODULE TECHNICAL SPECIFICATION
T-51382D064-FW-P-AB OPTREX-T-51382D064-FW-P-AB Datasheet
125Kb / 17P
   LCD Module Technical Specification
DMF5005NF OPTREX-DMF5005NF Datasheet
79Kb / 17P
   LCD Module Technical Specification
logo
Kyocera Kinseki Corpota...
T-51750GD065J-FW-APN KSS-T-51750GD065J-FW-APN Datasheet
834Kb / 30P
   LCD Module Technical Specification
T-55620GD057JU-LW-AAN KSS-T-55620GD057JU-LW-AAN Datasheet
1Mb / 29P
   LCD Module Technical Specification
logo
List of Unclassifed Man...
T-51513D104J-FW-A-AD ETC2-T-51513D104J-FW-A-AD Datasheet
671Kb / 17P
   LCD Module Technical Specification
logo
OPTREX CORPORATION
C-51505NJQJ-LR-AG OPTREX-C-51505NJQJ-LR-AG Datasheet
79Kb / 18P
   LCD Module Technical Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com