Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X55060 Datasheet(PDF) 2 Page - Intersil Corporation

No. de pieza X55060
Descripción Electrónicos  Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X55060 Datasheet(HTML) 2 Page - Intersil Corporation

  X55060 Datasheet HTML 1Page - Intersil Corporation X55060 Datasheet HTML 2Page - Intersil Corporation X55060 Datasheet HTML 3Page - Intersil Corporation X55060 Datasheet HTML 4Page - Intersil Corporation X55060 Datasheet HTML 5Page - Intersil Corporation X55060 Datasheet HTML 6Page - Intersil Corporation X55060 Datasheet HTML 7Page - Intersil Corporation X55060 Datasheet HTML 8Page - Intersil Corporation X55060 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
FN8133.0
March 28, 2005
A system battery switch circuit compares VCC (V1MON)
with VBATT input and connects VOUT to whichever is
higher. This provides voltage to external SRAM or other
circuits in the event of main power failure. The X55060
can drive 50mA from VCC and 250µA from VBATT. The
device switches to VBATT when VCC drops below the
low VCC voltage threshold and VBATT > VCC.
The Watchdog Timer provides an independent protec-
tion mechanism for microcontrollers. When the micro-
controller fails to restart a timer within a selectable
time out interval, the device activates the WDO signal.
The user selects the interval from three preset values.
Once selected, the interval does not change, even
after cycling the power.
The device’s low VCC detection circuitry protects the
user’s system from low voltage conditions, resetting the
system when VCC (V1MON) falls below the minimum
VCC trip point (VTRIP1). RESET/RESET is asserted until
VCC returns to proper operating level and stabilizes. A
second voltage monitor circuit tracks the unregulated
supply or monitors a second power supply voltage to
provide a power fail warning. Intersil’s unique circuits
allow the threshold for either voltage monitor to be
reprogrammed to meet special needs or to fine-tune the
threshold for applications requiring higher precision.
ORDERING INFORMATION
X55060
PIN CONFIGURATION
Suffix
Vtrip1
Vtrip2
Temp Range
V20-4.5A
4.6
2.6
0°C to 70°C
V20I-4.5A
-40°C to 85°C
V20-4.5
4.6
2.9
0°C to 70°C
V20I-4.5
-40°C to 85°C
V20-2.7A
2.9
1.65
0°C to 70°C
V20I-2.7A
-40°C to 85°C
V20-2.7
2.6
1.65
0°C to 70°C
V20I-2.7
-40°C to 85°C
20-Pin TSSOP
CS/WDI
SO
NC
1
2
3
4
RESET/MR
VCC (V1MON)
BATT-ON
VOUT
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
RESET
LOWLINE
V2FAIL
V2MON
WP
NC
VSS
VBATT
SCK
NC
NC
SI
WDO
X55060


Número de pieza similar - X55060

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
X55060 RENESAS-X55060 Datasheet
863Kb / 23P
   64K Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
March 28, 2005
X55060V20-2.7 RENESAS-X55060V20-2.7 Datasheet
863Kb / 23P
   64K Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
March 28, 2005
X55060V20-2.7A RENESAS-X55060V20-2.7A Datasheet
863Kb / 23P
   64K Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
March 28, 2005
X55060V20-4.5 RENESAS-X55060V20-4.5 Datasheet
863Kb / 23P
   64K Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
March 28, 2005
X55060V20-4.5A RENESAS-X55060V20-4.5A Datasheet
863Kb / 23P
   64K Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
March 28, 2005
More results

Descripción similar - X55060

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
X45620 RENESAS-X45620 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
logo
Intersil Corporation
X45620 INTERSIL-X45620 Datasheet
370Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
logo
Renesas Technology Corp
X55060 RENESAS-X55060 Datasheet
863Kb / 23P
   64K Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
March 28, 2005
X40420 RENESAS-X40420 Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40420 INTERSIL-X40420 Datasheet
384Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
X40420 INTERSIL-X40420_06 Datasheet
392Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
X40020 INTERSIL-X40020_06 Datasheet
356Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40020 RENESAS-X40020 Datasheet
928Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com