Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33023P Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC33023P
Descripción Electrónicos  High Speed Single-Ended PWM Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33023P Datasheet(HTML) 4 Page - ON Semiconductor

  MC33023P Datasheet HTML 1Page - ON Semiconductor MC33023P Datasheet HTML 2Page - ON Semiconductor MC33023P Datasheet HTML 3Page - ON Semiconductor MC33023P Datasheet HTML 4Page - ON Semiconductor MC33023P Datasheet HTML 5Page - ON Semiconductor MC33023P Datasheet HTML 6Page - ON Semiconductor MC33023P Datasheet HTML 7Page - ON Semiconductor MC33023P Datasheet HTML 8Page - ON Semiconductor MC33023P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MC34023 MC33023
4
MOTOROLA ANALOG IC DEVICE DATA
1.0 MHz
400 kHz
50 kHz
Gain
Phase
2
4
6
8
9
– 55
– 25
0
25
50
75
10 k
Figure 1. Timing Resistor versus
Oscillator Frequency
104
105
106
107
fosc, OSCILLATOR FREQUENCY (Hz)
Figure 2. Oscillator Frequency versus Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 3. Error Amp Open Loop Gain and
Phase versus Frequency
10
100
1.0 k
10 k
100 k
1.0 M
10 M
f, FREQUENCY (Hz)
Figure 4. PWM Comparator Zero Duty Cycle
Threshold Voltage versus Temperature
– 55
– 25
0
25
50
75
100
TA, AMBIENT TEMPERATURE (°C)
Figure 5. Error Amp Small Signal
Transient Response
Figure 6. Error Amp Large Signal
Transient Response
125
0
45
90
135
0.1
µs/DIV
0.1
µs/DIV
VCC = 15 V
TA = + 25°C
CT =
1. 100 nF
2. 47 nF
3. 22 nF
4. 10 nF
5. 4.7 nF
6. 2.2 nF
7. 1.0 nF
8. 470 pF
9. 220 pF
100
1000
100 k
1
3
5
7
100
125
VCC = 15 V
Pin 7(9) = 0 V
VCC = 15 V
RT = 3.6 k
CT = 1.0 nF
RT = 1.2 k
CT = 1.0 nF
RT = 36 k
CT = 1.0 nF
1200
1000
800
600
400
200
0
1.30
1.28
1.26
1.24
1.22
1.20
1.0 k
470
120
100
80
60
40
20
0
–20
2.55 V
2.5 V
2.45 V
3.0 V
2.5 V
2.0 V


Número de pieza similar - MC33023P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33023 ONSEMI-MC33023 Datasheet
441Kb / 18P
   High Speed Single?묮nded PWM Controller
October, 2005 ??Rev. 6
MC33023 ONSEMI-MC33023 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33023DW ONSEMI-MC33023DW Datasheet
441Kb / 18P
   High Speed Single?묮nded PWM Controller
October, 2005 ??Rev. 6
MC33023DWG ONSEMI-MC33023DWG Datasheet
441Kb / 18P
   High Speed Single?묮nded PWM Controller
October, 2005 ??Rev. 6
MC33023DWR2 ONSEMI-MC33023DWR2 Datasheet
441Kb / 18P
   High Speed Single?묮nded PWM Controller
October, 2005 ??Rev. 6
More results

Descripción similar - MC33023P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC34025 ONSEMI-MC34025 Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
MC33025 ONSEMI-MC33025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34023 ONSEMI-MC34023_05 Datasheet
441Kb / 18P
   High Speed Single?묮nded PWM Controller
October, 2005 ??Rev. 6
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com