Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33063AP1 Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza MC33063AP1
Descripción Electrónicos  DC-to-DC CONVERTER CONTROL CIRCUITS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33063AP1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC33063AP1 Datasheet HTML 4Page - ON Semiconductor MC33063AP1 Datasheet HTML 5Page - ON Semiconductor MC33063AP1 Datasheet HTML 6Page - ON Semiconductor MC33063AP1 Datasheet HTML 7Page - ON Semiconductor MC33063AP1 Datasheet HTML 8Page - ON Semiconductor MC33063AP1 Datasheet HTML 9Page - ON Semiconductor MC33063AP1 Datasheet HTML 10Page - ON Semiconductor MC33063AP1 Datasheet HTML 11Page - ON Semiconductor MC33063AP1 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC34063A MC33063A
10
MOTOROLA ANALOG IC DEVICE DATA
P, P1 SUFFIX
PLASTIC PACKAGE
CASE 626–05
ISSUE K
OUTLINE DIMENSIONS
D SUFFIX
PLASTIC PACKAGE
CASE 751–05
(SO–8)
ISSUE P
NOTES:
1. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
2. PACKAGE CONTOUR OPTIONAL (ROUND OR
SQUARE CORNERS).
3. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
9.40
6.10
3.94
0.38
1.02
0.76
0.20
2.92
0.76
10.16
6.60
4.45
0.51
1.78
1.27
0.30
3.43
0.370
0.240
0.155
0.015
0.040
0.030
0.008
0.115
0.030
0.400
0.260
0.175
0.020
0.070
0.050
0.012
0.135
10
°
1.01
2.54 BSC
7.62 BSC
0.100 BSC
0.300 BSC
A
B
C
D
F
G
H
J
K
L
M
N
10
°
0.040
F
H
G
D
N
C
K
M
J
L
NOTE 2
14
5
8
T
0.13 (0.005)
AB
M
M
M
–A–
–B–
–T–
SEATING
PLANE
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
SEATING
PLANE
14
5
8
C
K
4X
P
A
0.25 (0.010) M TB SS
0.25 (0.010) M
B M
8X
D
R
M
J
X 45
_
_
F
–A–
–B–
–T–
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.18
0.25
0.007
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019
_
__
_


Número de pieza similar - MC33063AP1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33063AP1 ONSEMI-MC33063AP1 Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
logo
Motorola, Inc
MC33063AP1 MOTOROLA-MC33063AP1 Datasheet
948Kb / 15P
   DC-to-DC Converter Control Circuits SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
ON Semiconductor
MC33063AP1 ONSEMI-MC33063AP1 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC33063AP1 ONSEMI-MC33063AP1 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063AP1 ONSEMI-MC33063AP1 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results

Descripción similar - MC33063AP1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
34063A ETC-34063A Datasheet
115Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
System Logic Semiconduc...
SL34063A SLS-SL34063A Datasheet
73Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Suntac Electronic Corp.
S34063 SUNTAC-S34063 Datasheet
147Kb / 6P
   DC-to-DC CONVERTER CONTROL CIRCUITS
logo
Linear Dimensions Semic...
LND34063A LINEAR_DIMENSIONS-LND34063A Datasheet
156Kb / 7P
   DC-to-DC Converter Control Circuits
logo
Tiger Electronic Co.,Lt...
MC34063A TGS-MC34063A Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
logo
Estek Electronics Co. L...
KGM34063AS ESTEK-KGM34063AS Datasheet
230Kb / 13P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Wing Shing Computer Com...
MC34063A WINGS-MC34063A Datasheet
436Kb / 15P
   DC-TO-DC Converter Control Circuits
logo
Guangdong Kexin Industr...
MC34063A KEXIN-MC34063A Datasheet
2Mb / 7P
   DC-to-DC Converter Control Circuits
KM34064 KEXIN-KM34064 Datasheet
336Kb / 7P
   DC-to-DC Converter Control Circuits
logo
Tiger Electronic Co.,Lt...
MC34063AD TGS-MC34063AD Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com