Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP3189 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADP3189
Descripción Electrónicos  8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP3189 Datasheet(HTML) 4 Page - Analog Devices

  ADP3189 Datasheet HTML 1Page - Analog Devices ADP3189 Datasheet HTML 2Page - Analog Devices ADP3189 Datasheet HTML 3Page - Analog Devices ADP3189 Datasheet HTML 4Page - Analog Devices ADP3189 Datasheet HTML 5Page - Analog Devices ADP3189 Datasheet HTML 6Page - Analog Devices ADP3189 Datasheet HTML 7Page - Analog Devices ADP3189 Datasheet HTML 8Page - Analog Devices ADP3189 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADP3189
Rev. 0 | Page 4 of 36
SPECIFICATIONS
VCC = 12 V, FBRTN = GND, TA = 0°C to 85°C, unless otherwise noted.1
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ERROR AMPLIFIER
Output Voltage Range2
VCOMP
0.95
3.95
V
Accuracy
VFB
Relative to nominal DAC output, referenced to
FBRTN,
LLSET = CSREF, Figure 2,
VIDSEL = GND,
−7.7
+7.7
mV
VIDSEL = 1.25 V,
VID Range 1.00625 V to 1.60000 V
−7.7
+7.7
mV
VFB(BOOT)
In start-up
1.092
1.1
1.108
V
Load Line Positioning Accuracy
CSREF − LLSET = 80 mV
−78
−80
−82
mV
Differential Non-Linearity
−1
+1
LSB
Line Regulation
ΔV
FB
VCC = 10 V to 14 V
0.003
%
Input Bias Current
IFB
13.5
15
16.5
μA
FBRTN Current
IFBRTN
125
200
μA
Output Current
ICOMP
FB forced to VOUT − 3%
500
μA
Gain Bandwidth Product
GBW(ERR)
COMP = FB
20
MHz
Slew Rate
COMP = FB
25
V/μs
LLSET Input Voltage Range
VLLSET
Relative to CSREF
−250
+250
mV
LLSET Input Bias Current
ILLSET
−120
+120
nA
BOOT Voltage Hold Time
tBOOT
CDELAY = 10 nF
2
ms
VID INPUTS
Input Low Voltage
VIL(VID)
VIDx, VIDSEL
0.4
V
Input High Voltage
VIH(VID)
VIDx, VIDSEL
0.8
V
Max VIH for VID on Fly2
1.26
V
Input Current
IIN(VID)
−1
μA
VID Transition Delay Time2
VID code change to FB change
200
ns
No CPU Detection Turn-Off Delay
Time2
VID code change to PWM going low
200
ns
OSCILLATOR
Frequency Range2
fOSC
0.25
5
MHz
Frequency Variation
fPHASE
TA = 25°C, RT = 243 kΩ, 5-phase
180
200
220
kHz
TA = 25°C, RT = 113 kΩ, 5-phase
400
kHz
TA = 25°C, RT = 51 kΩ, 5-phase
800
kHz
Output Voltage
VRT
RT = 243 kΩ to GND
1.6
1.7
1.8
V
RAMPADJ Output Voltage
VRAMPADJ
RAMPADJ − FB
−50
+50
mV
RAMPADJ Input Current Range
IRAMPADJ
1
50
μA
CURRENT SENSE AMPLIFIER
Offset Voltage
VOS(CSA)
CSSUM − CSREF, Figure 3
−1.0
+1.0
mV
Input Bias Current
IBIAS(CSSUM)
−50
+50
nA
Gain Bandwidth Product
GBW(CSA)
CSSUM = CSCOMP
10
MHz
Slew Rate
CCSCOMP = 10 pF
10
V/μs
Input Common-Mode Range
CSSUM and CSREF
0
3
V
Output Voltage Range
0.05
2.8
V
Output Current
ICSCOMP
500
μA
Current Limit Latch-Off Delay Time
tOC(DELAY)
CDELAY = 10 nF
8
ms


Número de pieza similar - ADP3189

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3180JRU-REEL AD-ADP3180JRU-REEL Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3180JRU-REEL7 AD-ADP3180JRU-REEL7 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
ADP3181JRQZ-RL AD-ADP3181JRQZ-RL Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
More results

Descripción similar - ADP3189

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
FAN5029 FAIRCHILD-FAN5029 Datasheet
443Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. A
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. A
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Analog Devices
ADP3193A AD-ADP3193A Datasheet
1,007Kb / 32P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
REV. 0
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com