Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N387 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza 1N387
Descripción Electrónicos  silicon diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

1N387 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1N387 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N387 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1N387 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1N387 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1N387 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1N387 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Número de pieza similar - 1N387

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879 Datasheet
110Kb / 2P
   Fast Recovery Rectifier
logo
GeneSiC Semiconductor, ...
1N3879 GENESIC-1N3879 Datasheet
686Kb / 3P
   Silicon Fast Recovery Diode
logo
International Rectifier
1N3879 IRF-1N3879 Datasheet
2Mb / 10P
   FAST RECOVERY DIODES
logo
Vishay Siliconix
1N3879 VISHAY-1N3879 Datasheet
140Kb / 9P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 28-May-15
logo
International Rectifier
1N3879 IRF-1N3879 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
More results

Descripción similar - 1N387

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fuji Electric
YG963S6R FUJI-YG963S6R Datasheet
137Kb / 12P
   SILICON DIODE
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
   SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
   SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
   SILICON DIODE
logo
Sanken electric
FMG-24R SANKEN-FMG-24R Datasheet
226Kb / 3P
   Silicon Diode
FML-G12S SANKEN-FML-G12S Datasheet
197Kb / 4P
   Silicon Diode
FMX-22SL SANKEN-FMX-22SL Datasheet
140Kb / 5P
   Silicon Diode
FMX-2203 SANKEN-FMX-2203 Datasheet
223Kb / 4P
   Silicon Diode
FMXA-1104S SANKEN-FMXA-1104S Datasheet
137Kb / 5P
   Silicon Diode
FMX-G16S SANKEN-FMX-G16S Datasheet
149Kb / 5P
   Silicon Diode
MPL-102S SANKEN-MPL-102S Datasheet
336Kb / 4P
   Silicon Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com