Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33160DW Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MC33160DW
Descripción Electrónicos  MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33160DW Datasheet(HTML) 6 Page - ON Semiconductor

  MC33160DW Datasheet HTML 1Page - ON Semiconductor MC33160DW Datasheet HTML 2Page - ON Semiconductor MC33160DW Datasheet HTML 3Page - ON Semiconductor MC33160DW Datasheet HTML 4Page - ON Semiconductor MC33160DW Datasheet HTML 5Page - ON Semiconductor MC33160DW Datasheet HTML 6Page - ON Semiconductor MC33160DW Datasheet HTML 7Page - ON Semiconductor MC33160DW Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC34160 MC33160
6
MOTOROLA ANALOG IC DEVICE DATA
Reference
The 2.6 V bandgap reference is short circuit protected and
has a guaranteed output tolerance of
±5.0% over line, load,
and temperature. It is intended to be used in conjunction with
the Power Warning and Uncommitted comparator. The
reference can source in excess of 2.0 mA and sink a
maximum of 10
µA. For additional current sinking capability,
an external load resistor to ground must be used.
Reference biasing is internally derived from either VCC or
VO, allowing proper operation if either drops below nominal.
Chip Disable
This input is used to switch the IC into a standby mode.
When activated, internal biasing for the entire die is removed
causing all outputs to turn off. This reduces the power supply
current (ICC) to less than 0.3 mA.
Comparators
Three separate comparators are incorporated for voltage
monitoring. Their outputs can provide diagnostic information
to the microprocessor, preventing system malfunctions.
The Reset Comparator Inverting Input is internally
connected to the 2.6 V reference while the Noninverting Input
monitors VO. The Reset Output is active low when VO falls
approximately 180 mV below its regulated voltage. To
prevent erratic operation when crossing the comparator
threshold, 70 mV of hysteresis is provided.
The Power Warning Comparator is typically used to detect
an impending loss of system power. The Inverting Input is
internally connected to the reference, fixing the threshold at
2.6 V. The input power source Vin is monitored by the
Noninverting Input through the R1/R2 divider (Figure 10). This
input features an adjustable 10
µA to 50 µA current sink IH
that is programmed by the value selected for resistor RH. A
default current of 6.5
µA is provided if RH is omitted. When the
comparator input falls below 2.6 V, the current sink is
activated. This produces hysteresis if Vin is monitored
through a series resistor (R1). The comparator thresholds are
defined as follows:
R1
R2
1 +
– IIB R1
Vth(lower) = Vref
R1
R2
1 +
+ IH R1
Vth(upper) = Vref
The nominal hysteresis current IH equals 1.2 V/RH
(Figure 4).
The Uncommitted Comparator can be used to
synchronize the microprocessor with the ac line signal for
timing functions, or for synchronous load switching. It can
also be connected as a line loss detector as shown in
Figure 11. The comparator contains 200 mV of hysteresis
preventing erractic output behavior when crossing the input
threshold.
The Power Warning and Uncommitted Comparators each
have a transistor base–emitter connected across their inputs.
The base input normally connects to a voltage reference
while the emitter input connects to the voltage to be
monitored. The transistor limits the negative excursion on the
emitter input to – 0.7 V below the base input by supply current
from VCC. This clamp current will prevent forward biasing the
IC substrate. Zener diodes are connected to the comparator
inputs to enhance the ICs electrostatic discharge capability.
Resistors R1 and Rin must limit the input current to a
maximum of
±2.0 mA.
Each comparator output consists of an open collector NPN
transistor capable of sinking 2.0 mA with a saturation voltage
less than 0.4 V, and standing off 40 V with minimal leakage.
Internal bias for the Reset and Power Warning Comparators
is derived from either VCC or the regulator output to ensure
functionality when either is below nominal.
Heat Tab Package
The MC34160 is contained in a 16 lead plastic
dual–in–line package in which the die is mounted on a
special Heat Tab copper alloy lead frame. This tab consists of
the four center ground pins that are specifically designed to
improve thermal conduction from the die to the surrounding
air. The pictorial in Figure 8 shows a simple but effective
method of utilizing the printed circuit board medium as a heat
dissipator by soldering these tabs to an adequate area of
copper foil. This permits the use of standard board layout and
mounting practices while having the ability to more than halve
the junction to air thermal resistance. The example and graph
are for a symmetrical layout on a single sided board with one
ounce per square foot copper.
=
Sink Only
Positive True Logic
AC
Line
Line Sync.
Power Warning
Vref
MPU Reset
CO
VO
Uncommitted
Comparator
4, 5, 12, 13
2.6 V
Reference
Thermal
Shutdown
Power
Warning
Vin
R1
R2
2.6 V
Rin
Chip
Disable
Reset
R
.01 R
IH On/Off
Cin
VCC
14
15
9
10
2
1
0.913 R
11
7
16
8
6
IH
RH
+
+
+
+
+
+
+
+
Figure 10. Typical Microprocessor Application


Número de pieza similar - MC33160DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33160DW ONSEMI-MC33160DW Datasheet
136Kb / 10P
   100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
August, 2006 ??Rev. 5
MC33160DWG ONSEMI-MC33160DWG Datasheet
136Kb / 10P
   100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
August, 2006 ??Rev. 5
MC33160DWR2 ONSEMI-MC33160DWR2 Datasheet
136Kb / 10P
   100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
August, 2006 ??Rev. 5
MC33160DWR2G ONSEMI-MC33160DWR2G Datasheet
136Kb / 10P
   100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
August, 2006 ??Rev. 5
More results

Descripción similar - MC33160DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM6339 AD-ADM6339 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
logo
ams AG
AS1923 AMSCO-AS1923 Datasheet
76Kb / 2P
   Quad-Voltage Microprocessor Supervisory Circuit
AS1923 AMSCO-AS1923_04 Datasheet
864Kb / 17P
   Quad-Voltage Microprocessor Supervisory Circuit
logo
Analog Devices
ADM6339AARJZ-RL7 AD-ADM6339AARJZ-RL7 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com