Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS3307-18MJGB Datasheet(PDF) 10 Page - Texas Instruments |
|
|
TPS3307-18MJGB Datasheet(HTML) 10 Page - Texas Instruments |
10 / 14 page TPS330718M TRIPLE PROCESSOR SUPERVISORS SGLS133A − JANUARY 2003 − REVISED DECEMBER 2003 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 MECHANICAL INFORMATION JG (R-GDIP-T8) CERAMIC DUAL-IN-LINE PACKAGE 0.310 (7,87) 0.290 (7,37) 0.014 (0,36) 0.008 (0,20) Seating Plane 4040107/C 08/96 5 4 0.065 (1,65) 0.045 (1,14) 8 1 0.020 (0,51) MIN 0.400 (10,20) 0.355 (9,00) 0.015 (0,38) 0.023 (0,58) 0.063 (1,60) 0.015 (0,38) 0.200 (5,08) MAX 0.130 (3,30) MIN 0.245 (6,22) 0.280 (7,11) 0.100 (2,54) 0 °−15° NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. This package can be hermetically sealed with a ceramic lid using glass frit. D. Index point is provided on cap for terminal identification only on press ceramic glass frit seal only. E. Falls within MIL-STD-1835 GDIP1-T8 |
Número de pieza similar - TPS3307-18MJGB |
|
Descripción similar - TPS3307-18MJGB |