Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33160 Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza MC33160
Descripción Electrónicos  MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33160 Datasheet(HTML) 7 Page - ON Semiconductor

  MC33160 Datasheet HTML 1Page - ON Semiconductor MC33160 Datasheet HTML 2Page - ON Semiconductor MC33160 Datasheet HTML 3Page - ON Semiconductor MC33160 Datasheet HTML 4Page - ON Semiconductor MC33160 Datasheet HTML 5Page - ON Semiconductor MC33160 Datasheet HTML 6Page - ON Semiconductor MC33160 Datasheet HTML 7Page - ON Semiconductor MC33160 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC34160 MC33160
7
MOTOROLA ANALOG IC DEVICE DATA
Figure 11. Line Loss Detector Application
=
Sink Only
Positive True Logic
AC
Line
Line Loss Output
Vref
MPU Reset
CO
VO
Uncommitted
Comparator
4, 5, 12, 13
2.6 V
Reference
Thermal
Shutdown
Power
Warning
Vin
Rin
Chip
Disable
Reset
R
.01 R
IH On/Off
Cin
VCC
14
15
9
10
2
1
0.913 R
11
7
10
8
6
IH
+
+
+
+
+
A
RDLY
CDLY
Pin 6
Pin 8
2.6 V
2.6 V
tDLY ≈ RDLY CDLY ln
IH RDLY – VO
Vref + IH R1 – VO + IH RDLY
+
+
+
R1
Point A
Figure 12. Time Delayed Microprocessor Reset
=
Sink Only
Positive True Logic
Vref
CO
VO
Uncommitted
Comparator
4, 5, 12, 13
2.6 V
Reference
Thermal
Shutdown
Power
Warning
Vin
Chip
Disable
Reset
R
.01 R
IH On/Off
Cin
VCC
14
15
9
10
2
1
0.913 R
11
7
16
8
6
IH
+
+
+
+
CDLY
R1
R2
6.2 k
RH
MPU Reset
RDLY
tDLY  RDLY CDLY
3.6 k
+
+
+
+


Número de pieza similar - MC33160

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33160 ONSEMI-MC33160 Datasheet
136Kb / 10P
   100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
August, 2006 ??Rev. 5
MC33160 ONSEMI-MC33160 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33160DW ONSEMI-MC33160DW Datasheet
136Kb / 10P
   100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
August, 2006 ??Rev. 5
MC33160DWG ONSEMI-MC33160DWG Datasheet
136Kb / 10P
   100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
August, 2006 ??Rev. 5
MC33160DWR2 ONSEMI-MC33160DWR2 Datasheet
136Kb / 10P
   100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
August, 2006 ??Rev. 5
More results

Descripción similar - MC33160

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM6339 AD-ADM6339 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
logo
ams AG
AS1923 AMSCO-AS1923 Datasheet
76Kb / 2P
   Quad-Voltage Microprocessor Supervisory Circuit
AS1923 AMSCO-AS1923_04 Datasheet
864Kb / 17P
   Quad-Voltage Microprocessor Supervisory Circuit
logo
Analog Devices
ADM6339AARJZ-RL7 AD-ADM6339AARJZ-RL7 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com