Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NJU7710 Datasheet(PDF) 3 Page - New Japan Radio

No. de pieza NJU7710
Descripción Electrónicos  2ch VOLTAGE DETECTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NJRC [New Japan Radio]
Página de inicio  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7710 Datasheet(HTML) 3 Page - New Japan Radio

  NJU7710 Datasheet HTML 1Page - New Japan Radio NJU7710 Datasheet HTML 2Page - New Japan Radio NJU7710 Datasheet HTML 3Page - New Japan Radio NJU7710 Datasheet HTML 4Page - New Japan Radio NJU7710 Datasheet HTML 5Page - New Japan Radio NJU7710 Datasheet HTML 6Page - New Japan Radio NJU7710 Datasheet HTML 7Page - New Japan Radio NJU7710 Datasheet HTML 8Page - New Japan Radio NJU7710 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NJU7710/11
- 3 -
Ver.2004-12-22
NJU7710
ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VDD
+10
V
Output Voltage
VOUT
VSS-0.3
∼ +10
V
Output Current
IOUT
50
mA
350(*1)
SOT-23-5
200(*2)
Power Dissipation
PD
SC88A
250(*1)
mW
Operating Temperature
Topr
−40
∼ +85
°C
Storage Temperature
Tstg
−40
∼ +125
°C
(*1) : Mounted on glass epoxy board based on EIA/JEDEC. (114.3x76.2x1.6mm: 2Layers)
(*2) : Device itself
ELECTRICAL CHARACTERISTICS
(CH1/2 common characteristics, Ta=25
°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Detection Voltage
VDET
-1.0%
+1.0%
V
Hysterisis Voltage
VHYS
VDET
×0.03
VDET
×0.05
VDET
×0.08
V
VDET=1.3V
∼1.7V Version
0.5
1.0
µA
Quiescent Current
ISS
VDD=VDET+1V
VDET=1.8V
∼6.0V Version
0.8
1.6
µA
VDD=1.2V
0.75
2.0
mA
Output Current
IOUT
Nch,VDS=0.5V
VDD=2.4V (
≥2.7V Version)
4.5
7.0
mA
Output Leak Current
ILEAK
VDD=VOUT=9V
0.1
µA
Detection Voltage
Temperature
Coefficient
∆VDET/∆Ta Ta=0 ∼ +85°C
±100
ppm/
°C
Operating Voltage
(*3)
VDD
RL=100k
0.8
9
V
(*3): The minimum Operating Voltage(VOPL) indicates the same value of the output voltage(VOUT) on
condition that VOUTbecomes 10% or less of the input voltage(VDD).


Número de pieza similar - NJU7710

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Japan Radio
NJU7712 NJRC-NJU7712 Datasheet
76Kb / 10P
   2ch VOLTAGE DETECTOR
NJU7712F NJRC-NJU7712F Datasheet
76Kb / 10P
   2ch VOLTAGE DETECTOR
NJU7712F3 NJRC-NJU7712F3 Datasheet
76Kb / 10P
   2ch VOLTAGE DETECTOR
NJU7713 NJRC-NJU7713 Datasheet
76Kb / 10P
   2ch VOLTAGE DETECTOR
NJU7713F NJRC-NJU7713F Datasheet
76Kb / 10P
   2ch VOLTAGE DETECTOR
More results

Descripción similar - NJU7710

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Japan Radio
NJU7712 NJRC-NJU7712 Datasheet
76Kb / 10P
   2ch VOLTAGE DETECTOR
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com