Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NJM2741 Datasheet(PDF) 1 Page - New Japan Radio

No. de Pieza. NJM2741
Descripción  Single Supply Single Operational Amplifier with Full Swing Output
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NJRC [New Japan Radio]
Página de inicio  http://www.njr.co.jp/index_e.htm
Logo 

NJM2741 Datasheet(HTML) 1 Page - New Japan Radio

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NJM2741
-1-
Ver.2004-11-26
Preliminary
Single Supply Single Operational Amplifier
with Full Swing Output
■GENERAL DESCRIPTION
The NJM2741 is a low supply voltage operational amplifier with Full
swing output.
It is suitable for audio section of portable sets, PCs and any
General-purpose use.
■ FEATURES
●Operating Voltage
:2.5V to 14V
●Output Full Swing
: VOH ≥4.9V Typ. (at V
+=5V, RL=5kΩ)
: VOL ≤0.1V Typ. (at V
+=5V, RL=5kΩ)
●Offset Voltage
:1mV Typ
●Slew Rate
: 3.5V/µs Typ.
. ●Low Distortion
: 0.001% typ. (at V+=5V, f=1kHz)
. ●Low Input Voltage Noise
:10nV/√Hz typ.
●Bipolar Technology
●Package Outline
: MTP5, SC88A
■ PIN CONFIGURATION
■PACKAGE OUTLINE
PIN FUNCTION
1. +INPUT
2. GND
3. -INPUT
4. OUTPUT
5. V
+
NJM2741F
NJM2741F3
1
2
3
5
4
++++
−−−−
NJM2741F
NJM2741F3
(Top View)


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn