Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN2558 Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FAN2558
Descripción Electrónicos  180mA Low Voltage CMOS LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2558 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN2558 Datasheet HTML 3Page - Fairchild Semiconductor FAN2558 Datasheet HTML 4Page - Fairchild Semiconductor FAN2558 Datasheet HTML 5Page - Fairchild Semiconductor FAN2558 Datasheet HTML 6Page - Fairchild Semiconductor FAN2558 Datasheet HTML 7Page - Fairchild Semiconductor FAN2558 Datasheet HTML 8Page - Fairchild Semiconductor FAN2558 Datasheet HTML 9Page - Fairchild Semiconductor FAN2558 Datasheet HTML 10Page - Fairchild Semiconductor FAN2558 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PRODUCT SPECIFICATIONS
FAN2558/FAN2559
REV. 1.0.4 3/15/04
7
Control Functions
Enable Pin
Connecting 2V or greater to the Enable pin will enable the
output, while 0.4V or less will disable it while reducing the
quiescent current consumption to less than 1µA. If this shut-
down function is not needed, the pin can simply be con-
nected permanently to the VIN pin. Allowing this pin to float
will cause erratic operation.
Error Flag (Power Good)
Fault conditions such as input voltage dropout (low VIN),
overheating, or overloading (excessive output current), will
set an error flag. The PG pin which is an open-drain output,
will go LOW when VOUT is less than 95% or the specified
output voltage. When the voltage at VOUT is greater than
95% of the specified output voltage, the PG pin is HIGH. A
logic pull-up resistor of 47K
Ω is recommended at this out-
put. The pin can be left disconnected if unused.
Thermal Protection
The FAN2558/FAN2559 is designed to supply high peak
output currents for brief periods, however sustained exces-
sive output load at high input - output voltage difference will
increase the device’s temperature and exceed maximum rat-
ings due to power dissipation. During output overload condi-
tions, when the die temperature exceeds the shutdown limit
temperature of 150°C, an onboard thermal protection will
disable the output until the temperature drops approximately
10°C below the limit, at which point the output is re-enabled.
During a thermal shutdown, the user may assert the power-
down function at the Enable pin, reducing power consump-
tion to a minimum.
Thermal Characteristics
The FAN2558/FAN2559 is designed to supply 180mA at the
specified output voltage with an operating die (junction)
temperature of up to 125°C. Once the power dissipation and
thermal resistance is known, the maximum junction tempera-
ture of the device can be calculated. While the power dissipa-
tion is calculated from known electrical parameters, the
actual thermal resistance depends on the thermal characteris-
tics of the SOT23-5 surface-mount package and the sur-
rounding PC board copper to which it is mounted.
The power dissipation is equal to the product of the input-to-
output voltage differential and the output current plus the
ground current multiplied by the input voltage,
or:
The ground pin current IGND can be found in the charts
provided in the Electrical Characteristics section.
The relationship describing the thermal behavior of the
package is:
where TJ(max) is the maximum allowable junction tempera-
ture of the die, which is 125°C, and TA is the ambient operat-
ing temperature.
θJA is dependent on the surrounding PC
board layout and can be empirically obtained. While the
θJC
(junction-to-case) of the SOT23-5 package is specified at
130°C /W, the
θJA of the minimum PWB footprint will be at
least 235°C /W. This can be improved by providing a heat
sink of surrounding copper ground on the PWB. Depending
on the size of the copper area, the resulting
θJA can range
from approximately 180°C /W for one square inch to nearly
130°C /W for 4 square inches. The addition of backside cop-
per with through-holes, stiffeners, and other enhancements
can also aid in reducing thermal resistance. The heat contrib-
uted by the dissipation of other devices located nearby must
be included in the design considerations. Once the limiting
parameters in these two relationships have been determined,
the design can be modified to ensure that the device remains
within specified operating conditions. If overload conditions
are not considered, it is possible for the device to enter a
thermal cycling loop, in which the circuit enters a shutdown
condition, cools, re-enables, and then again overheats and
shuts down repeatedly due to an unmanaged fault condition.
Adjustable Version
The FAN2558ADJ includes an input pin ADJ which allows
the user to select an output voltage ranging from 1V to near
VIN, using an external resistor divider. The voltage VADJ pre-
sented to the ADJ pin is fed to the onboard error amplifier
which adjusts the output voltage until VADJ is equal to the
onboard bandgap reference voltage of 1.00V(typ). The equa-
tion is:
Since the bandgap reference voltage is trimmed, 1% initial
accuracy can be achieved. The total value of the resistor
chain should not exceed 250KOhm total to keep the error
amplifier biased during no-load conditions. Programming
output voltages very near VIN need to allow for the magni-
tude and variation of the dropout voltage VDO over load, sup-
ply, and temperature variations. Note that the low-leakage
FET input to the CMOS error amplifier induces no bias
current error to the calculation.
PD
VIN VOUT
() I
OUT
VIN IGND
×
+
×
=
PD max
()
TJ max
() TA
θ
JA
-------------------------------



=
VOUT
0.59V
1
R1
R2
------
+
×
=


Número de pieza similar - FAN2558

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN2558 ONSEMI-FAN2558 Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
FAN2558MP10X ONSEMI-FAN2558MP10X Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
FAN2558MP12X ONSEMI-FAN2558MP12X Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
FAN2558MP13X ONSEMI-FAN2558MP13X Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
FAN2558MP15X ONSEMI-FAN2558MP15X Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
More results

Descripción similar - FAN2558

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS4268 TSC-TS4268_08 Datasheet
304Kb / 7P
   180mA Fixed-Voltage Ultra Low LDO
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207 Datasheet
78Kb / 12P
   180mA Low-Noise LDO Regulator
MIC5207 MICREL-MIC5207_07 Datasheet
407Kb / 13P
   180mA Low-Noise LDO Regulator
logo
ON Semiconductor
FAN2558 ONSEMI-FAN2558 Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
logo
First Components Intern...
FC2129 FCI-FC2129 Datasheet
670Kb / 6P
   CMOS Low Dropout Voltage ( LDO ) Regulator
logo
SiGe Semiconductor, Inc...
AATIAN70 SIGE-AATIAN70 Datasheet
788Kb / 10P
   CMOS Low Voltage LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5509 SEAWARD-SE5509_12 Datasheet
207Kb / 7P
   Low Power Low Noise LDO CMOS Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com