Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33164P-5RPG Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MC33164P-5RPG
Descripción Electrónicos  MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33164P-5RPG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33164P-5RPG Datasheet HTML 2Page - ON Semiconductor MC33164P-5RPG Datasheet HTML 3Page - ON Semiconductor MC33164P-5RPG Datasheet HTML 4Page - ON Semiconductor MC33164P-5RPG Datasheet HTML 5Page - ON Semiconductor MC33164P-5RPG Datasheet HTML 6Page - ON Semiconductor MC33164P-5RPG Datasheet HTML 7Page - ON Semiconductor MC33164P-5RPG Datasheet HTML 8Page - ON Semiconductor MC33164P-5RPG Datasheet HTML 9Page - ON Semiconductor MC33164P-5RPG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MC34164, MC33164, NCV33164
http://onsemi.com
6
Figure 15. Low Voltage Microprocessor Reset With Additional Hysteresis
(MC3X164−5 Shown)
Power
Supply
1.2 Vref
Microprocessor
Circuit
RL
GND
Reset
Comparator hysteresis can be increased with the addition of resistor RH. The hysteresis equation has been simplified and does not account for the change of input current
Iin as Vin crosses the comparator threshold (Figure 8). An increase of the lower threshold DVth(lower) will be observed due to Iin which is typically 10 mA at 4.3 V. The
equations are accurate to
±10% with RH less than 1.0 kW and RL between 4.3 kW and 43 kW.
VH
4.3 RH
RH
MC3X164−5
Iin
Vin
Test Data
VH
(mV)
DVth
(mV)
RH
(
W)
RL
(k
W)
60
103
123
160
155
199
280
262
306
357
421
530
0
1.0
1.0
1.0
2.2
2.2
2.2
4.7
4.7
4.7
4.7
4.7
0
100
100
100
220
220
220
470
470
470
470
470
43
10
6.8
4.3
10
6.8
4.3
10
8.2
6.8
5.6
4.3
RL
+ 0.06
DVth(lower) ≈ 10 RH x 10 − 6
where: RH ≤ 1.0 kW
43 k
W ≥ RL ≥ 4.3 kW
Figure 16. Voltage Monitor
Figure 17. Solar Powered Battery Charger
Figure 18. MOSFET Low Voltage Gate Drive Protection Using the MC3X164−5
1.2 Vref
Input
270
Reset
GND
Power
Supply
1.2 Vref
Input
1.0 k
GND
1.2 Vref
Input
GND
Solar
Cells
RL
MTP3055EL
MC3X164−5
VCC
4.3V
Overheating of the logic level power MOSFET due to insufficient
gate voltage can be prevented with the above circuit. When the
input signal is below the 4.3 V threshold of the MC3X164−5, its
output grounds the gate of the L2 MOSFET.
Reset
Reset


Número de pieza similar - MC33164P-5RPG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33164P-5RPG ONSEMI-MC33164P-5RPG Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
More results

Descripción similar - MC33164P-5RPG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33464 ONSEMI-MC33464 Datasheet
127Kb / 8P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Rev 2, 07/1999
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
[Old version datasheet]   Micropower Undervoltage Sensing Circuits
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
National Semiconductor ...
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
   Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33465 ONSEMI-MC33465 Datasheet
131Kb / 8P
   Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
October, 1999 ??Rev. 3
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com