Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL1208IB8Z Datasheet(PDF) 11 Page - Intersil Corporation |
|
ISL1208IB8Z Datasheet(HTML) 11 Page - Intersil Corporation |
11 / 21 page 11 FN8085.3 July 29, 2005 Real Time Clock Registers Addresses [00h to 06h] RTC REGISTERS (SC, MN, HR, DT, MO, YR, DW) These registers depict BCD representations of the time. As such, SC (Seconds) and MN (Minutes) range from 0 to 59, HR (Hour) can either be a 12-hour or 24-hour mode, DT (Date) is 1 to 31, MO (Month) is 1 to 12, YR (Year) is 0 to 99, and DW (Day of the Week) is 0 to 6. The DW register provides a Day of the Week status and uses three bits DW2 to DW0 to represent the seven days of the week. The counter advances in the cycle 0-1-2-3-4-5-6-0-1- 2-… The assignment of a numerical value to a specific day of the week is arbitrary and may be decided by the system software designer. The default value is defined as “0”. 24 HOUR TIME If the MIL bit of the HR register is “1”, the RTC uses a 24- hour format. If the MIL bit is “0”, the RTC uses a 12-hour format and HR21 bit functions as an AM/PM indicator with a “1” representing PM. The clock defaults to 12-hour format time with HR21 = “0”. LEAP YEARS Leap years add the day February 29 and are defined as those years that are divisible by 4. Years divisible by 100 are not leap years, unless they are also divisible by 400. This means that the year 2000 is a leap year, the year 2100 is not. The ISL1208 does not correct for the leap year in the year 2100. Control and Status Registers Addresses [07h to 0Bh] The Control and Status Registers consist of the Status Register, Interrupt and Alarm Register, Analog Trimming and Digital Trimming Registers. Status Register (SR) The Status Register is located in the memory map at address 07h. This is a volatile register that provides either control or status of RTC failure, battery mode, alarm trigger, write protection of clock counter, crystal oscillator enable and auto reset of status bits. REAL TIME CLOCK FAIL BIT (RTCF) This bit is set to a “1” after a total power failure. This is a read only bit that is set by hardware (ISL1208 internally) when the device powers up after having lost all power to the device. The bit is set regardless of whether VDD or VBAT is applied first. The loss of only one of the supplies does not set the RTCF bit to “1”. The first valid write to the RTC section after a complete power failure resets the RTCF bit to “0” (writing one byte is sufficient). BATTERY BIT (BAT) This bit is set to a “1” when the device enters battery backup mode. This bit can be reset either manually by the user or automatically reset by enabling the auto-reset bit (see ARST bit). A write to this bit in the SR can only set it to “0”, not “1”. ALARM BIT (ALM) These bits announce if the alarm matches the real time clock. If there is a match, the respective bit is set to “1”. This bit can be manually reset to “0” by the user or automatically reset by enabling the auto-reset bit (see ARST bit). A write to this bit in the SR can only set it to “0”, not “1”. NOTE: An alarm bit that is set by an alarm occurring during an SR read operation will remain set after the read operation is complete. WRITE RTC ENABLE BIT (WRTC) The WRTC bit enables or disables write capability into the RTC Timing Registers. The factory default setting of this bit is “0”. Upon initialization or power up, the WRTC must be set to “1” to enable the RTC. Upon the completion of a valid write (STOP), the RTC starts counting. The RTC internal 1Hz signal is synchronized to the STOP condition during a valid write cycle. CRYSTAL OSCILLATOR ENABLE BIT (XTOSCB) This bit enables/disables the internal crystal oscillator. When the XTOSCB is set to “1”, the oscillator is disabled, and the X1 pin allows for an external 32kHz signal to drive the RTC. The XTOSCB bit is set to “0” on powerup. AUTO RESET ENABLE BIT (ARST) This bit enables/disables the automatic reset of the BAT and ALM status bits only. When ARST bit is set to “1”, these status bits are reset to “0” after a valid read of the respective status register (with a valid STOP condition). When the ARST is cleared to “0”, the user must manually reset the BAT and ALM bits. Interrupt Control Register (INT) TABLE 2. STATUS REGISTER (SR) ADDR 7 6 5 4 3 2 1 0 07h ARST XTOSCB reserved WRTC reserved ALM BAT RTCF Default 0 0 000 0 0 0 TABLE 3. INTERRUPT CONTROL REGISTER (INT) ADDR 7 6 5 4 3210 08h IM ALME LPMODE FOBATB FO3 FO2 FO1 FO0 Default 0 0 0 0 0000 ISL1208 |
Número de pieza similar - ISL1208IB8Z |
|
Descripción similar - ISL1208IB8Z |