Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59444IB-T7 Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL59444IB-T7
Descripción Electrónicos  1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59444IB-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL59444IB-T7 Datasheet HTML 2Page - Intersil Corporation ISL59444IB-T7 Datasheet HTML 3Page - Intersil Corporation ISL59444IB-T7 Datasheet HTML 4Page - Intersil Corporation ISL59444IB-T7 Datasheet HTML 5Page - Intersil Corporation ISL59444IB-T7 Datasheet HTML 6Page - Intersil Corporation ISL59444IB-T7 Datasheet HTML 7Page - Intersil Corporation ISL59444IB-T7 Datasheet HTML 8Page - Intersil Corporation ISL59444IB-T7 Datasheet HTML 9Page - Intersil Corporation ISL59444IB-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN7451.1
September 21, 2005
FIGURE 13. CHANNEL TO CHANNEL SWITCHING GLITCH
VIN =0V, RS = 25, CL = 23.6pF
FIGURE 14. CHANNEL TO CHANNEL TRANSIENT RESPONSE
VIN =1V, RS = 25, CL = 23.6pF
FIGURE 15. HIZ SWITCHING GLITCH VIN = 0V, RS = 25,
CL = 23.6pF
FIGURE 16. HIZ TRANSIENT RESPONSE VIN = 1V, RS = 25,
CL = 23.6pF
FIGURE 17. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 18. LARGE SIGNAL TRANSIENT RESPONSE
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = 25°C, unless otherwise specified. (Continued)
0
0
20ns/DIV
VOUT
S0, S1
0
0
20ns/DIV
VOUT
S0, S1
0
0
20ns/DIV
VOUT
HIZ
0
0
20ns/DIV
VOUT
HIZ
TIME (4ns/DIV)
120
80
40
0
-40
-80
-120
160
-160
CL = 1.6pF
RL = 500Ω
TIME (4ns/DIV)
2
1.6
1.2
0.8
0.4
0
-0.4
-0.8
2.4
CL = 23.6pF
RS = 25Ω
RL = 500Ω
ISL59444


Número de pieza similar - ISL59444IB-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL59444IBZ RENESAS-ISL59444IBZ Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
ISL59444IBZ-T13 RENESAS-ISL59444IBZ-T13 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
ISL59444IBZ-T7 RENESAS-ISL59444IBZ-T7 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
More results

Descripción similar - ISL59444IB-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL59444 RENESAS-ISL59444 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442_07 Datasheet
420Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
HA4344B INTERSIL-HA4344B Datasheet
35Kb / 4P
   350MHz, 4 x 1 Video Crosspoint Switch with Synchronous Controls
June 1998
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com