Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59444IB-T13 Datasheet(PDF) 2 Page - Intersil Corporation

No. de pieza ISL59444IB-T13
Descripción Electrónicos  1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59444IB-T13 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL59444IB-T13 Datasheet HTML 1Page - Intersil Corporation ISL59444IB-T13 Datasheet HTML 2Page - Intersil Corporation ISL59444IB-T13 Datasheet HTML 3Page - Intersil Corporation ISL59444IB-T13 Datasheet HTML 4Page - Intersil Corporation ISL59444IB-T13 Datasheet HTML 5Page - Intersil Corporation ISL59444IB-T13 Datasheet HTML 6Page - Intersil Corporation ISL59444IB-T13 Datasheet HTML 7Page - Intersil Corporation ISL59444IB-T13 Datasheet HTML 8Page - Intersil Corporation ISL59444IB-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN7451.1
September 21, 2005
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage (V+ to V-). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . V- -0.5V, V+ +0.5V
Supply Turn-on Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/
µs
Digital & Analog Input Current (Note 1) . . . . . . . . . . . . . . . . . . 50mA
Output Current (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7). . . . . .3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . .-40°C to +125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
θJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. If an input signal is applied before the supplies are powered up, the input current must be limited to these maximum values.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = +5V, V- = -5V, GND = 0V, TA = 25°C, RL = 500Ω to GND, VHIZ = 0.8V,
Unless Otherwise Specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
IS
Supply Current (VOUT = 0V)
No load, VHIZ = 0.8V
14.5
18
20
mA
No load, VHIZ = 2.0V
12.5
16
18
mA
VOUT
Positive and Negative Output Swing
VIN = ±3.5V, RL = 500Ω
±3.2
±3.44
V
IOUT
Output Current
RL = 10Ω to GND
±80
±120
±180
mA
VOS
Output Offset Voltage
-2
9
20
mV
Ib
Input Bias Current
VIN = 0V
-5
-2.5
-1
µA
Rout
Output Resistance
HIZ = logic high, (DC), AV = 1
1.4
M
HIZ = logic low, (DC), AV = 1
0.2
RIN
Input Resistance
VIN = ±3.5V
10
M
ACL or AV
Voltage Gain
VIN = ±1.5V, RL = 500Ω
0.999
1.001
1.003
V/V
ITRI
Output Current in Three-state
VOUT = 0V
-35
6
+35
µA
LOGIC
VH
Input High Voltage (Logic Inputs)
2
V
VL
Input Low Voltage (Logic Inputs)
0.8
V
IIH
Input High Current (Logic Inputs)
50
150
µA
IIL
Input Low Current (Logic Inputs)
-10
5
µA
tLE
LE1, LE2 Minimum Pulse Width
-
4
-
ns
AC GENERAL
-3dB BW
-3dB Bandwidth
VOUT = 200mVP-P, CL = 1.6pF
1.0
GHz
VOUT = 2VP-P, CL = 23.6pF,
RS =25Ω
230
MHz
0.1dB BW
0.1dB Bandwidth
VOUT = 200mVP-P, CL = 1.6pF
80
MHz
VOUT = 2VP-P, CL = 23.6pF,
RS =25Ω
50
MHz
dG
Differential Gain Error
NTSC-7, RL = 150
0.01
%
dP
Differential Phase Error
NTSC-7, RL = 150
0.02
°
ISL59444


Número de pieza similar - ISL59444IB-T13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL59444IBZ RENESAS-ISL59444IBZ Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
ISL59444IBZ-T13 RENESAS-ISL59444IBZ-T13 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
ISL59444IBZ-T7 RENESAS-ISL59444IBZ-T7 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
More results

Descripción similar - ISL59444IB-T13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL59444 RENESAS-ISL59444 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442_07 Datasheet
420Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
HA4344B INTERSIL-HA4344B Datasheet
35Kb / 4P
   350MHz, 4 x 1 Video Crosspoint Switch with Synchronous Controls
June 1998
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com