Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5182 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FAN5182
Descripción Electrónicos  Adjustable Output 1, 2, or 3-Phase Synchronous Buck Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5182 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN5182 Datasheet HTML 1Page - Fairchild Semiconductor FAN5182 Datasheet HTML 2Page - Fairchild Semiconductor FAN5182 Datasheet HTML 3Page - Fairchild Semiconductor FAN5182 Datasheet HTML 4Page - Fairchild Semiconductor FAN5182 Datasheet HTML 5Page - Fairchild Semiconductor FAN5182 Datasheet HTML 6Page - Fairchild Semiconductor FAN5182 Datasheet HTML 7Page - Fairchild Semiconductor FAN5182 Datasheet HTML 8Page - Fairchild Semiconductor FAN5182 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
May 2005
FAN5182 Rev. 1.0.1
FAN5182
Adjustable Output 1, 2, or 3-Phase Synchronous Buck
Controller
Features
■ Selectable 1-, 2-, or 3-phase operation at up to 1MHz per
phase
■ ±2% Worst-case differential sensing error over temperature
■ Externally adjustable 0.8V to 5V output from a 12V supply
■ Logic-level PWM outputs for interface to external high-power
drivers
■ Active current balancing between all phases
■ Built-in power-good/crowbar functions
■ Programmable over current protection with adjustable latch-
off delay
Applications
■ Auxiliary supplies
■ DDR memory supplies
■ Point-of-load supplies
Description
The FAN5182 is a highly efficient multi-phase synchronous buck
switching regulator controller optimized for converting a 12V
main supply into a high-current low voltage supply for use in
point-of-load (POL) applications. It uses a multi-loop PWM
architecture to drive the logic-level outputs at a programmable
switching frequency that can be optimized for regulator size and
efficiency. The phase relationship of the output signals can be
programmed to provide 1, 2, or 3-phase operation, allowing for
construction of up to three complementary interleaved buck
switching stages.
The FAN5182 also provides accurate and reliable over-current
protection and adjustable current limiting.
FAN5182 is specified over the commercial temperature range of
0°C to +85°C and is available in a 20-lead QSOP package.
Block Diagram
VCC
800 mV
REFERENCE
SOFT
START
DELAY
UVLO
SHUTDOWN
& BIAS
OSCILLATOR
+
GND
FAN5182
14
EN 6
DELAY
7
ILIMIT 10
PWRGD 5
1
RT
8
RAMPADJ
9
PWM2
19
3
FB
PWM3
18
SW1
17
CSSUM
12
CSCOMP
13
SW2
16
SW3
15
CSREF
11
PWM1
FBRTN
2
COMP 4
950mV
+
1.05V
+
650mV
+
FB
FB
EN
CURRENT
LIMIT
CIRCUIT
CROWBAR
CURRENT
LIMIT
+
CMP
+
CMP
+
+
CMP
CURRENT
BALANCING
CIRCUIT
1/ 2 / 3-PHASE
DRIVER LOGIC
EN
SET
RESET
RESET
RESET
20


Número de pieza similar - FAN5182

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5182 FAIRCHILD-FAN5182 Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182 FAIRCHILD-FAN5182 Datasheet
786Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182QSCX_NA3E229 FAIRCHILD-FAN5182QSCX_NA3E229 Datasheet
786Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182QSCX_NA3E229_NL FAIRCHILD-FAN5182QSCX_NA3E229_NL Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182QSCX_NA3E231_NL FAIRCHILD-FAN5182QSCX_NA3E231_NL Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
More results

Descripción similar - FAN5182

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5182 FAIRCHILD-FAN5182_07 Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182 FAIRCHILD-FAN5182_08 Datasheet
786Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3182 AD-ADP3182 Datasheet
417Kb / 20P
   Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller
REV. 0
logo
uPI Group Inc.
UP9510 UPI-UP9510 Datasheet
374Kb / 19P
   3/2/1-Phase Synchronous-Rectified Buck Controller
UP9509S UPI-UP9509S Datasheet
379Kb / 18P
   3/2/1-Phase Synchronous-Rectified Buck Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
logo
ON Semiconductor
NCP81174 ONSEMI-NCP81174_16 Datasheet
148Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
NCP81174N ONSEMI-NCP81174N Datasheet
207Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com