Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5182QSCX_NL Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FAN5182QSCX_NL
Descripción Electrónicos  Adjustable Output 1, 2, or 3-Phase Synchronous Buck Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5182QSCX_NL Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5182QSCX_NL Datasheet HTML 4Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 5Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 6Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 7Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 8Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 9Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 10Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 11Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
www.fairchildsemi.com
FAN5182 Rev. 1.0.1
Application Circuit
Figure 5. 1.8V, 55A Application Circuit
( Consult Fairchild Sales for an updated version of the Application Circuit )
VIN
12 V
VIN RTN
ENABLE
POWER
GOOD
RLIM
287k
RPH1
140k
RR
332k
Q1
FDD6296
Q2
FDD8896
Q3
FDD6296
Q5
FDD6296
Q4
FDD8896
Q6
FDD8896
CDLY
68nF
VOUT
1.8 V
55A
VOUT
1200
µF / 6.3V x 5
15m
Ω ESR (each)
+
L2
600nH / 1.4m
L3
600nH / 1.4m
L4
600nH / 1.4m
L1
1
µH
RT
255k
C8
100nF
C17
+
C21
U3
FAN5009
1
2
3
8
7
6
4
5
BOOT
PWM
OD
VCC
HDRV
SW
PGND
LDRV
C7
1
µF
C4
100nF
C3
1
µF
C5
4.7
µF
C9
4.7
µF
C13
4.7
µF
U2
FAN5009
1
2
3
8
7
6
4
5
BOOT
PWM
OD
VCC
HDRV
SW
PGND
LDRV
C12
100nF
U4
FAN5009
U1
FAN5182
1
2
3
8
7
6
4
5
BOOT
PWM
OD
VCC
HDRV
SW
PGND
LDRV
C11
1
µF
C15
1
µF
R4
10
RA
6.04k
CFB
100pF
CA
1.2nF
CCS
5.6nF
C2
2700
µF
16V
C1
2700
µF
16V
+
+
4.7
µFx10
6.3V
MLCC
C14
2.2nF
C10
2.2nF
C6
2.2nF
R3
2.2
R2
2.2
R1
2.2
D1
(optional)
D2
(optional)
D3
(optional)
RB2
1.24k
RB1
1.00k
RCS
100k
RPH2
140k
RDLY
261k
RSW1
*
RSW3
*
RSW2
*
RPH3
140k
VCC
FBRTN
FB
COMP
PWRGD
EN
DELAY
RT
RAMPADJ
ILIMIT
PWM1
PWM2
PWM3
SW1
SW2
SW3
GND
CSCOMP
CSSUM
CSREF
1
2
3
20
19
18
4
8
10
5
6
7
13
16
15
14
9
11
12
17
RTN


Número de pieza similar - FAN5182QSCX_NL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5182QSCX_NL FAIRCHILD-FAN5182QSCX_NL Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
More results

Descripción similar - FAN5182QSCX_NL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5182 FAIRCHILD-FAN5182_07 Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182 FAIRCHILD-FAN5182_08 Datasheet
786Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3182 AD-ADP3182 Datasheet
417Kb / 20P
   Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller
REV. 0
logo
uPI Group Inc.
UP9510 UPI-UP9510 Datasheet
374Kb / 19P
   3/2/1-Phase Synchronous-Rectified Buck Controller
UP9509S UPI-UP9509S Datasheet
379Kb / 18P
   3/2/1-Phase Synchronous-Rectified Buck Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
logo
ON Semiconductor
NCP81174 ONSEMI-NCP81174_16 Datasheet
148Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
NCP81174N ONSEMI-NCP81174N Datasheet
207Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com