Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCBS0650 Datasheet(PDF) 10 Page - Fairchild Semiconductor

No. de pieza FCBS0650
Descripción Electrónicos  Smart Power Module (SPM)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCBS0650 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FCBS0650 Datasheet HTML 2Page - Fairchild Semiconductor FCBS0650 Datasheet HTML 3Page - Fairchild Semiconductor FCBS0650 Datasheet HTML 4Page - Fairchild Semiconductor FCBS0650 Datasheet HTML 5Page - Fairchild Semiconductor FCBS0650 Datasheet HTML 6Page - Fairchild Semiconductor FCBS0650 Datasheet HTML 7Page - Fairchild Semiconductor FCBS0650 Datasheet HTML 8Page - Fairchild Semiconductor FCBS0650 Datasheet HTML 9Page - Fairchild Semiconductor FCBS0650 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
www.fairchildsemi.com
FCBS0650 Rev. A
(with the external shunt resistance and CR connection)
c1 : Normal operation: MOSFET ON and carrying current.
c2 : Short circuit current detection (SC trigger).
c3 : Hard MOSFET gate interrupt.
c4 : MOSFET turns OFF.
c5 : Fault output timer operation starts: The pulse width of the fault output signal is set by the external capacitor CFO.
c6 : Input “L” : MOSFET OFF state.
c7 : Input “H”: MOSFET ON state, but during the active period of fault output the MOSFET doesn’t turn ON.
c8 : MOSFET OFF state
Figure 8. Short-Circuit Current Protection (Low-side Operation only)
Low-Side Internal IGBT
Gate-Emitter Voltage
Low-Side
input Signal
Low-Side Output Current
Sensing Voltage
of the shunt
resistance
Fault Output Signal
SC Reference Voltage
CR circuit time
constant delay
SC
Protection
circuit state
SET
RESET
c6
c7
c3
c2
c1
c8
c4
c5


Número de pieza similar - FCBS0650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FCBS0550 FAIRCHILD-FCBS0550 Datasheet
249Kb / 16P
   Smart Power Module (SPM)
logo
ON Semiconductor
FCBS0550 ONSEMI-FCBS0550 Datasheet
338Kb / 18P
   Smart Power Module (SPM)
September 8, 2005 Rev. A
More results

Descripción similar - FCBS0650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSB50325S FAIRCHILD-FSB50325S Datasheet
149Kb / 8P
   Smart Power Module (SPM)
FSB50250S FAIRCHILD-FSB50250S Datasheet
163Kb / 8P
   Smart Power Module (SPM)
FPAL30SL60 FAIRCHILD-FPAL30SL60 Datasheet
679Kb / 17P
   Smart Power Module (SPM)
FSAM10SM60A FAIRCHILD-FSAM10SM60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSAM10SH60A FAIRCHILD-FSAM10SH60A Datasheet
1Mb / 16P
   SPM (Smart Power Module)
FSBM10SH60 FAIRCHILD-FSBM10SH60 Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSB50450 FAIRCHILD-FSB50450 Datasheet
340Kb / 8P
   Smart Power Module (SPM)
FPAL15SL60 FAIRCHILD-FPAL15SL60 Datasheet
356Kb / 17P
   Smart Power Module (SPM)
FPBL20SL60 FAIRCHILD-FPBL20SL60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FPBL20SM60 FAIRCHILD-FPBL20SM60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FSBM15SH60A FAIRCHILD-FSBM15SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com