Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMG16C60 Datasheet(PDF) 1 Page - SanRex Corporation |
|
SMG16C60 Datasheet(HTML) 1 Page - SanRex Corporation |
1 / 3 page SMG16C60 THYRISTOR(Through Hole/Non-isolated) ■Maximum Ratings (Tj=25℃ unless otherwise specified) VRRM Repetitive Peak Reverse Voltage 600 V Symbol Item Reference Ratings 25.1 Unit IT(RMS) R.M.S. On-State Current ITSM Surge On-State Current Single phase, half wave, 180 ° , conduction, Tc =93℃ VRSM Non-Repetitive Peak Reverse Voltage 720 V VDRM Repetitive Peak Off-State Voltage 600 V IT(AV) Average On-State Current 16 A Single phase, half wave, 180 ° , conduction, Tc =93℃ 50Hz/60Hz, 1 /2 cycle Peak value, non-repetitive I2t I2t PGM Peak Gate Power Dissipation PG(AV) Average Gate Power Dissipation IFGM Peak Gate Current VFGM Peak Gate Voltage (Forward) A 240/263 A 288 5 A2S W 0.5 Tj Operating Junction Temperature Tstg Storage Temperature Mass 2 W A 6 V VRGM Peak Gate Voltage (Reverse) 10 V −40∼+125 ℃ −40∼+150 ℃ 2 g ■Electrical Characteristics IDRM Repetitive Peak Off-State Current 2 2 1.5 30 1.4 0.2 15 1.4 mA Symbol Item Reference Ratings Unit VGT Gate Trigger Voltage VGD Non-Trigger Gate Voltage Tj =125℃, VD=VDRM, IRRM Repetitive Peak Reverse Current mA Tj =125℃, VR=VRRM, VTM Peak On-State Voltage V IT =50A, Inst. measurement IGT Gate Trigger Current mA VD =6V, RL=10Ω Tj =125℃, VD=1/2VDRM, IH Holding Current Rth(j-c) Thermal Resistance V V Junction to case mA ℃/W 10.10 + 0.18 − 0.44 + 0.2 − 0.1 + 0.15 − 0.1 φ3.83 2.54 2.54 1.27 ±0.13 0.85 ±0.1 0.45 1.27 ±0.12 2.48 ±0.45 4.5 1 K 2 A 3 Gate 1 2 2 3 2 2 1 3 Min. Typ. Max. Identifying Code :S16C6 TO-220AB Thyristor SMG16C60 is designed for full wave AC control applications. It can be used as an ON/OFF function or for phase control operation. Typical Applications ● Home Appliances : Electric Blankets, Starter for FL, other control applications ● Industrial Use : SMPS, Solenoid for Breakers, Motor Controls, Heater Controls, other control applications Features ● IT(AV)=16A ● High Surge Current ● Low Voltage Drop ● Lead-Free Package Unit :mm SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com |
Número de pieza similar - SMG16C60 |
|
Descripción similar - SMG16C60 |