Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SMG16C60H Datasheet(PDF) 1 Page - SanRex Corporation

No. de Pieza. SMG16C60H
Descripción  THYRISTOR(Surface Mount Device/Non-isolated)
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SANREX [SanRex Corporation]
Página de inicio  http://www.sanrex.com
Logo 

SMG16C60H Datasheet(HTML) 1 Page - SanRex Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMG16C60H
THYRISTOR(Surface Mount Device/Non-isolated)
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
VRRM
Repetitive Peak Reverse Voltage
600
V
Symbol
Item
Reference
Ratings
25.1
Unit
IT(RMS)
R.M.S. On-State Current
ITSM
Surge On-State Current
Single phase, half wave, 180
°
, conduction, Tc
=93℃
VRSM
Non-Repetitive Peak Reverse Voltage
720
V
VDRM
Repetitive Peak Off-State Voltage
600
V
IT(AV)
Average On-State Current
16
A
Single phase, half wave, 180
°
, conduction, Tc
=93℃
50Hz/60Hz, 1
2 cycle Peak value, non-repetitive
I2t
I2t
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IFGM
Peak Gate Current
VFGM
Peak Gate Voltage
(Forward)
A
240/263
A
288
5
A2S
W
0.5
Tj
Operating Junction Temperature
Tstg
Storage Temperature
Mass
2
W
A
6
V
VRGM
Peak Gate Voltage
(Reverse)
10
V
−40∼+125
−40∼+150
1.2
g
■Electrical Characteristics
IDRM
Repetitive Peak Off-State Current
2
2
1.5
30
1.4
0.2
15
1.4
mA
Symbol
Item
Reference
Ratings
Unit
VGT
Gate Trigger Voltage
VGD
Non-Trigger Gate Voltage
Tj
=125℃, VD=VDRM,
IRRM
Repetitive Peak Reverse Current
mA
Tj
=125℃, VR=VRRM,
VTM
Peak On-State Voltage
V
IT
=50A, Inst. measurement
IGT
Gate Trigger Current
mA
VD
=6V, RL=10Ω
Tj
=125℃, VD12VDRM,
IH
Holding Current
Rthj-c
Thermal Resistance
V
V
Junction to case
mA
℃/W
10 
±
0.3
5.08 
±
0.5
2.54 
±
0.25
2.4 
±
0.2
1.3 
±
0.2
4.5 
±
0.2
(7.0)
(2
×
RO.45
(4.0)
0.5 
±
0.15
2.5 
±
0.2
0.8 
±
0.15
1.27 
±
0.2
(6.91)
3
2
1
1 K
2 A
3 Gate
1
3
2
Min.
Typ.
Max.
Identifying Code
S16C6H
TO-263
Thyristor SMG16C60H is designed for full wave AC control applications.
It can be used as an ON/OFF function or for phase control operation.
Typical Applications
Home Appliances : Electric Blankets, Starter for FL, other control applications
Industrial Use
: SMPS, Solenoid for Breakers, Motor Controls, Heater
Controls, other control applications
Features
IT(AV)=16A
High Surge Current
Low Voltage Drop
Lead-Free Package
Unit
mm
SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn