Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAV100WL Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

No. de pieza BAV100WL
Descripción Electrónicos  Glass Passivated Chip Junction
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Página de inicio  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

BAV100WL Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  BAV100WL Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BAV100WL Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD BAV100WL Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV100WL THRU BAV103WL SOD123FL
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
FEATURES
For surface mounted applications
Glass Passivated Chip Junction
Fast reverse recovery time
Ideal for automated placement
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: SOD-123FL
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 15mg / 0.00053oz
Pinning
1.Cathode
2.Anode
 
 
 
 
  1
2
 
 
SOD123FL
Absolute Maximum Ratings at 25 °C
Parameter
Symbols BAV100WL
BAV101WL
BAV102WL
BAV103WL
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
60
120
200
250
V
Maximum RMS voltage
VRMS
50
100
150
200
V
Continuous Forward Current
IF
250
mA
Repetitive Peak Forward Current
IFRM
625
mA
at 1s
1
at 1ms
3
Non-reptitive Peak Forward Surge Current
at 1us
IFSM
9
A
Total Power Dissipation
Ptot
500
mW
Typical Thermal Resistance (1)
RθJA
450
°C/W
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
°C
1)P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
Characteristics at Ta = 25 °C
Parameter
Symbols
BAV100WL
BAV101WL
BAV102WL
BAV103WL
Units
Reverse BreakdownVoltage at IR=100μA
V(BR)R
60
120
200
250
V
at 100 mA
1.00
Maximum Forward Voltage
at 200 mA
VF
1.25
V
Ta=25°C
0.1
Maximum DC Reverse Current at
Rated DC Blocking Voltage
Ta=100°C
IR
15
uA
Typical Junction Capacitance at VR=4V, f=1MHz
Cj
5
pF
Maximum Reverse Recovery Time
Trr
50
nS
Marking Code
BAV100WL
B100
BAV101WL
B101
BAV102WL
B102
BAV103WL
B103


Número de pieza similar - BAV100WL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DONGGUAN YOU FENG WEI E...
BAV100WL YFWDIODE-BAV100WL Datasheet
469Kb / 3P
   For surface mounted applications
BAV100WL-SOD123FL YFWDIODE-BAV100WL-SOD123FL Datasheet
469Kb / 3P
   For surface mounted applications
More results

Descripción similar - BAV100WL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SB2D VISHAY-SB2D Datasheet
95Kb / 4P
   Glass passivated chip junction
Revision: 03-Nov-11
logo
HY ELECTRONIC CORP.
D4KB6L HY-D4KB6L Datasheet
54Kb / 2P
   Glass passivated chip junction
logo
eleflow technologies co...
GL1A ELEFLOW-GL1A Datasheet
218Kb / 3P
   Glass passivated chip junction
logo
Shenzhen Luguang Electr...
30KP33S LUGUANG-30KP33S Datasheet
144Kb / 3P
   Glass passivated junction chip
logo
Shanghai Leiditech Elec...
1N5391G LEIDITECH-1N5391G Datasheet
246Kb / 2P
   Glass passivated chip junction
logo
List of Unclassifed Man...
1N5400G ETC2-1N5400G Datasheet
137Kb / 1P
   Glass passivated chip junction
logo
Mospec Semiconductor
ABS2 MOSPEC-ABS2 Datasheet
126Kb / 2P
   Glass Passivated chip junction
logo
First Silicon Co., Ltd
1N4148W FS-1N4148W Datasheet
601Kb / 3P
   Glass Passivated Chip Junction
logo
Vishay Siliconix
GPP15A VISHAY-GPP15A Datasheet
77Kb / 4P
   Glass passivated chip junction
Revision: 14-Jan-11
logo
List of Unclassifed Man...
6A05G ETC2-6A05G Datasheet
99Kb / 2P
   Glass passivated chip junction
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com