Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2145IPWP Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPS2145IPWP
Descripción Electrónicos  LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2145IPWP Datasheet(HTML) 4 Page - Texas Instruments

  TPS2145IPWP Datasheet HTML 1Page - Texas Instruments TPS2145IPWP Datasheet HTML 2Page - Texas Instruments TPS2145IPWP Datasheet HTML 3Page - Texas Instruments TPS2145IPWP Datasheet HTML 4Page - Texas Instruments TPS2145IPWP Datasheet HTML 5Page - Texas Instruments TPS2145IPWP Datasheet HTML 6Page - Texas Instruments TPS2145IPWP Datasheet HTML 7Page - Texas Instruments TPS2145IPWP Datasheet HTML 8Page - Texas Instruments TPS2145IPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPS2145, TPS2147
TPS2155, TPS2157
SLVS333 − AUGUST 2001
4
www.ti.com
electrical characteristics over recommended operating junction-temperature range,
2.9 V
≤ VI(VIN/SWIN1) ≤ 5.5 V, 2.9 V ≤ VI(SWIN2) ≤ 5.5 V, VI(ENx) = 0 V or VI(ENx) = 5 V,
VI(LDO_EN) = 5 V, TJ = −40°C to 100°C (unless otherwise noted)
power switches
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
rDS(on)
Static drain-source on-state resistance,
TJ = −40°C to 100°C,
IO(LDO_OUT) = 200 mA,
IOUT1 and IOUT2 = 150 mA
580
m
rDS(on)
Static drain-source on-state resistance,
VIN/SWIN1 or SWIN2 to OUTx
TJ = 25°C,
IO(LDO_OUT) = 200 mA,
IOUT1 and IOUT2 = 150 mA
340
m
VI(ENx) = 5 V,
VI(ENx) = 0 V,
SWIN2 floating,
VI(VIN/SWIN1) = 5 V
10
Ilkg(R)
Reverse leakage current at OUTx
VO(OUTx) = 5 V,
LDO_EN = don’t care
VI(ENx) = 5 V,
VI(ENx) = 0 V,
VI(SWIN2) = 0,
VI(VIN/SWIN1) = 2.9 V
10
µA
VI(ENx) = 5 V,
VI(ENx) = 0 V,
VI(SWIN2) = 0,
VI(VIN/SWIN1) = 0 V
10
IOS
Short circuit output current
OUTx connected to GND, device enabled into short
circuit
0.2
0.4
A
Delay time for asserting OC flag
From IOUTx at 95% of current limit level to 50% OC
5.5
ms
Delay time for deasserting OC flag
From IOUTx at 95% of current limit level to 50% OC
10.5
ms
timing parameters, power switches
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ton
Turnon time, OUTx switch, (see Note 1)
CL = 100 µF
RL = 33 Ω
0.5
6
ton
Turnon time, OUTx switch, (see Note 1)
CL = 1 µF
RL = 33 Ω
0.1
3
toff
Turnoff time, OUTx switch (see Note 1)
CL = 100 µF
RL = 33 Ω
5.5
12
ms
toff
Turnoff time, OUTx switch (see Note 1)
CL = 1 µF
RL = 33 Ω
0.05
4
ms
tr
Rise time, OUTx switch (see Note 1)
CL = 100 µF
RL = 33 Ω
0.5
5
tr
Rise time, OUTx switch (see Note 1)
CL = 1 µF
RL = 33 Ω
0.1
2
tf
Fall time, OUTx switch (see Note 1)
CL = 100 µF
RL = 33 Ω
5.5
9
tf
Fall time, OUTx switch (see Note 1)
CL = 1 µF
RL = 33 Ω
0.05
1.2
NOTE 1. Specified by design, not tested in production.
undervoltage lockout at VIN/SWIN1
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UVLO Threshold
2.2
2.85
V
Hysteresis (see Note 1)
260
mV
Deglitch (see Note 1)
50
µs
NOTE 1. Specified by design, not tested in production.


Número de pieza similar - TPS2145IPWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2145IPWP TI-TPS2145IPWP Datasheet
268Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2145IPWP TI-TPS2145IPWP Datasheet
274Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2145IPWP TI-TPS2145IPWP Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2145IPWPG4 TI-TPS2145IPWPG4 Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2145IPWPR TI-TPS2145IPWPR Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
More results

Descripción similar - TPS2145IPWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2145 TI-TPS2145_08 Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
logo
M/A-COM Technology Solu...
M02067 MA-COM-M02067 Datasheet
414Kb / 20P
   Rise and fall times <150 ps
logo
NXP Semiconductors
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Advanced Analogic Techn...
AAT2846 ANALOGICTECH-AAT2846 Datasheet
858Kb / 25P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2846 ANALOGICTECH-AAT2846_08 Datasheet
1Mb / 22P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com