Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NADB15MF-B Datasheet(PDF) 1 Page - Neutrik AG

No. de pieza NADB15MF-B
Descripción Electrónicos  15 pole D-SUB feedthrough, male to female, black D-shape housing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEUTRIK [Neutrik AG]
Página de inicio  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NADB15MF-B Datasheet(HTML) 1 Page - Neutrik AG

  NADB15MF-B Datasheet HTML 1Page - Neutrik AG NADB15MF-B Datasheet HTML 2Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NADB15MF-B
15 pole D-SUB feedthrough, male to female, black D-shape
housing
Features & Benefits
Ideal for audio networking and integration of
equipment into video systems
NADB15MF-B
1
/2


Número de pieza similar - NADB15MF-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Neutrik AG
NADB15MF NEUTRIK-NADB15MF Datasheet
70Kb / 2P
   15 pole D-SUB feedthrough, male to female
More results

Descripción similar - NADB15MF-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Neutrik AG
NADB15FF-B NEUTRIK-NADB15FF-B Datasheet
87Kb / 2P
   15 pole D-SUB feedthrough, female to female, black D-shape housing
NADB9MF-B NEUTRIK-NADB9MF-B Datasheet
88Kb / 2P
   9 pole D-SUB feedthrough, male to female, black D-shape housing
NADB15FF NEUTRIK-NADB15FF Datasheet
88Kb / 2P
   15 pole D-SUB feedthrough, female to female, D-shape nickel housing
NADB9FF-B NEUTRIK-NADB9FF-B Datasheet
67Kb / 2P
   9 pole D-SUB feedthrough, female to female, black D-shape housing
NADB9MF NEUTRIK-NADB9MF Datasheet
90Kb / 2P
   9 pole D-SUB feedthrough, male to female, D-shape nickel housing
NADB9FF NEUTRIK-NADB9FF Datasheet
68Kb / 2P
   9 pole D-SUB feedthrough, female to female, D-shape nickel housing
NADB15MF NEUTRIK-NADB15MF Datasheet
70Kb / 2P
   15 pole D-SUB feedthrough, male to female
NAHDMI-W-B NEUTRIK-NAHDMI-W-B Datasheet
82Kb / 2P
   HDMI feedthrough adapter, black D-shape housing
NAHDMI-W NEUTRIK-NAHDMI-W Datasheet
97Kb / 2P
   HDMI feedthrough adapter, D-shape housing
NE8FDX-P6-B NEUTRIK-NE8FDX-P6-B Datasheet
95Kb / 2P
   D-shape CAT6 panel connector, shielded, feedthrough, black housing
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com