Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M9F17206 Datasheet(PDF) 3 Page - Schneider Electric

No. de pieza M9F17206
Descripción Electrónicos  Multi 9 - C60L - MCB - 2P - 6 A - C Curve - 415 V - 25 kA
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

M9F17206 Datasheet(HTML) 3 Page - Schneider Electric

  M9F17206 Datasheet HTML 1Page - Schneider Electric M9F17206 Datasheet HTML 2Page - Schneider Electric M9F17206 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
No need of specific recycling operations
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
3


Número de pieza similar - M9F17206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
M9F17201 SCHNEIDER-M9F17201 Datasheet
105Kb / 3P
   Multi 9 - C60L - MCB - 2P - 1 A - C Curve - 415 V - 25 kA
M9F17202 SCHNEIDER-M9F17202 Datasheet
105Kb / 3P
   Multi 9 - C60L - MCB - 2P - 2 A - C Curve - 415 V - 25 kA
M9F17203 SCHNEIDER-M9F17203 Datasheet
105Kb / 3P
   Multi 9 - C60L - MCB - 2P - 3 A - C Curve - 415 V - 25 kA
M9F17204 SCHNEIDER-M9F17204 Datasheet
105Kb / 3P
   Multi 9 - C60L - MCB - 2P - 4 A - C Curve - 415 V - 25 kA
More results

Descripción similar - M9F17206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
M9F17225 SCHNEIDER-M9F17225 Datasheet
105Kb / 3P
   Multi 9 - C60L - MCB - 2P - 25 A - C Curve - 415 V - 25 kA
M9F17210 SCHNEIDER-M9F17210 Datasheet
105Kb / 3P
   Multi 9 - C60L - MCB - 2P - 10 A - C Curve - 415 V - 25 kA
M9F17202 SCHNEIDER-M9F17202 Datasheet
105Kb / 3P
   Multi 9 - C60L - MCB - 2P - 2 A - C Curve - 415 V - 25 kA
M9F17220 SCHNEIDER-M9F17220 Datasheet
105Kb / 3P
   Multi 9 - C60L - MCB - 2P - 20 A - C Curve - 415 V - 25 kA
M9F17204 SCHNEIDER-M9F17204 Datasheet
105Kb / 3P
   Multi 9 - C60L - MCB - 2P - 4 A - C Curve - 415 V - 25 kA
M9F17216 SCHNEIDER-M9F17216 Datasheet
105Kb / 3P
   Multi 9 - C60L - MCB - 2P - 16 A - C Curve - 415 V - 25 kA
M9F17201 SCHNEIDER-M9F17201 Datasheet
105Kb / 3P
   Multi 9 - C60L - MCB - 2P - 1 A - C Curve - 415 V - 25 kA
M9F17203 SCHNEIDER-M9F17203 Datasheet
105Kb / 3P
   Multi 9 - C60L - MCB - 2P - 3 A - C Curve - 415 V - 25 kA
M9F17406 SCHNEIDER-M9F17406 Datasheet
128Kb / 3P
   Multi 9 - C60L - MCB - 4P - 6 A - C Curve - 415 V - 25 kA
M9F17306 SCHNEIDER-M9F17306 Datasheet
117Kb / 3P
   Multi 9 - C60L - MCB - 3P - 6 A - C Curve - 415 V - 25 kA
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com