Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMG3010NT1 Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza MMG3010NT1
Descripción Electrónicos  Heterojunction Bipolar Transistor (InGaP HBT)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMG3010NT1 Datasheet(HTML) 1 Page - NXP Semiconductors

  MMG3010NT1 Datasheet HTML 1Page - NXP Semiconductors MMG3010NT1 Datasheet HTML 2Page - NXP Semiconductors MMG3010NT1 Datasheet HTML 3Page - NXP Semiconductors MMG3010NT1 Datasheet HTML 4Page - NXP Semiconductors MMG3010NT1 Datasheet HTML 5Page - NXP Semiconductors MMG3010NT1 Datasheet HTML 6Page - NXP Semiconductors MMG3010NT1 Datasheet HTML 7Page - NXP Semiconductors MMG3010NT1 Datasheet HTML 8Page - NXP Semiconductors MMG3010NT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MMG3010NT1
1
RF Device Data
Freescale Semiconductor
MMG3010NT1
0-6000 MHz, 15 dB
17 dBm
InGaP HBT
Heterojunction Bipolar Transistor
(InGaP HBT)
Broadband High Linearity Amplifier
The MMG3010NT1 is a General Purpose Amplifier that is internally
input and output matched. It is designed for a broad range of Class A,
small -signal, high linearity, general purpose applications. It is suitable
for applications with frequencies from 0 to 6000 MHz such as Cellular,
PC S, BWA, WLL, PH S, CATV, VH F, UH F, UM TS and general
small -signal RF.
Features
• Frequency: 0 to 6000 MHz
• P1dB: 17 dBm @ 900 MHz
• Small-Signal Gain: 15 dB @ 900 MHz
• Third Order Output Intercept Point: 31 dBm @ 900 MHz
• Single 5 Volt Supply
• Internally Matched to 50 Ohms
• Low Cost SOT-89 Surface Mount Package
• RoHS Compliant
• In Tape and Reel. T1 Suffix = 1000 Units per 12 mm, 7 inch Reel.
CASE 1514-02, STYLE 1
SOT-89
PLASTIC
1 2
3
Table 1. Typical Performance (1)
Characteristic
Symbol
900
MHz
2140
MHz
3500
MHz
Unit
Small -Signal Gain
(S21)
Gp
15
14
12
dB
Input Return Loss
(S11)
IRL
-15
-17
-22
dB
Output Return Loss
(S22)
ORL
-25
-25
-15
dB
Power Output @1dB
Compression
P1db
17
16.5
15.5
dBm
Third Order Output
Intercept Point
IP3
31
30
28
dBm
1. VCC = 5 Vdc, TC = 25°C, 50 ohm system
Table 2. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VCC
7
V
Supply Current
ICC
300
mA
RF Input Power
Pin
10
dBm
Storage Temperature Range
Tstg
-65 to +150
°C
Junction Temperature (2)
TJ
150
°C
2. For reliable operation, the junction temperature should not
exceed 150°C.
Table 3. Thermal Characteristics (VCC = 5 Vdc, ICC = 54 mA, TC = 25°C)
Characteristic
Symbol
Value (3)
Unit
Thermal Resistance, Junction to Case
RθJC
83
°C/W
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes - AN1955.
Document Number: MMG3010NT1
Rev. 5, 3/2008
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005-2009. All rights reserved.


Número de pieza similar - MMG3010NT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MMG3010NT1 FREESCALE-MMG3010NT1 Datasheet
220Kb / 12P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3010NT1 FREESCALE-MMG3010NT1 Datasheet
308Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3010NT1 FREESCALE-MMG3010NT1_08 Datasheet
308Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
More results

Descripción similar - MMG3010NT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MMG3009NT1 FREESCALE-MMG3009NT1 Datasheet
224Kb / 12P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3010NT1 FREESCALE-MMG3010NT1 Datasheet
220Kb / 12P
   Heterojunction Bipolar Transistor (InGaP HBT)
logo
NXP Semiconductors
MMG3007NT1 NXP-MMG3007NT1 Datasheet
438Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
MMG3009NT1 NXP-MMG3009NT1 Datasheet
413Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
logo
Freescale Semiconductor...
MMG3007NT1 FREESCALE-MMG3007NT1_08 Datasheet
307Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3010NT1 FREESCALE-MMG3010NT1_08 Datasheet
308Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
logo
NXP Semiconductors
MMG3011NT1 NXP-MMG3011NT1 Datasheet
416Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
logo
Freescale Semiconductor...
MMG3009NT1 FREESCALE-MMG3009NT1_08 Datasheet
307Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3011NT1 FREESCALE-MMG3011NT1 Datasheet
305Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3008NT1 FREESCALE-MMG3008NT1 Datasheet
222Kb / 12P
   Heterojunction Bipolar Transistor(InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com