Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M9F52306 Datasheet(PDF) 1 Page - Schneider Electric

No. de pieza M9F52306
Descripción Electrónicos  Multi 9 - C60BPR - MCB - 3P - 6 A - C Curve - 480Y/277 V - 10 kA - UL 489
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

M9F52306 Datasheet(HTML) 1 Page - Schneider Electric

  M9F52306 Datasheet HTML 1Page - Schneider Electric M9F52306 Datasheet HTML 2Page - Schneider Electric M9F52306 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
M9F52306
Multi 9 - C60BPR - MCB - 3P - 6 A - C Curve -
480Y/277 V - 10 kA - UL 489
Product availability : Stock - Normally stocked in distribution facility
Price** : 378.00 USD
Main
Range
Multi 9
Product name
Multi 9 C60
Product or component type
Miniature circuit-breaker
Device short name
C60BPR
Device application
Distribution
Poles description
3P
Number of protected poles
3
Line Rated Current
6 A 77 °F (25 °C) EN/IEC 60947-2
Network type
AC
Trip unit technology
Thermal-magnetic
Curve code
C
Breaking capacity
6 kA Icu 440 V AC EN/IEC 60947-2
10 kA Icu 415 V AC EN/IEC 60947-2
20 kA Icu 240 V AC EN/IEC 60947-2
6 kA Icu 440 V AC GB 14048.2
10 kA Icu 415 V AC GB 14048.2
20 kA Icu 240 V AC GB 14048.2
14 kA AIR 240 V AC UL 489
10 kA AIR 480Y/277 V AC UL 489
14 kA AIR 240 V AC CSA C22.2 No 5
10 kA AIR 480Y/277 V AC CSA C22.2 No 5
Suitability for isolation
Yes EN/IEC 60947-2
Standards
EN/IEC 60947-2
GB 14048.2
UL 489
CSA C22.2 No 5
Product certifications
IEC
CCC
CSA
UL
Mar 19, 2020
1


Número de pieza similar - M9F52306

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
M9F52301 SCHNEIDER-M9F52301 Datasheet
101Kb / 3P
   Multi 9 - C60BPR - MCB - 3P - 1 A - C Curve - 480Y/277 V - 10 kA - UL 489
M9F52302 SCHNEIDER-M9F52302 Datasheet
101Kb / 3P
   Multi 9 - C60BPR - MCB - 3P - 2 A - C Curve - 480Y/277 V - 10 kA - UL 489
M9F52304 SCHNEIDER-M9F52304 Datasheet
101Kb / 3P
   Multi 9 - C60BPR - MCB - 3P - 4 A - C Curve - 480Y/277 V - 10 kA - UL 489
M9F52308 SCHNEIDER-M9F52308 Datasheet
101Kb / 3P
   Multi 9 - C60BPR - MCB - 3P - 8 A - C Curve - 480Y/277 V - 10 kA - UL 489
More results

Descripción similar - M9F52306

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
M9F52310 SCHNEIDER-M9F52310 Datasheet
101Kb / 3P
   Multi 9 - C60BPR - MCB - 3P - 10 A - C Curve - 480Y/277 V - 10 kA - UL 489
M9F53306 SCHNEIDER-M9F53306 Datasheet
101Kb / 3P
   Multi 9 - C60BPR - MCB - 3P - 6 A - D Curve - 480Y/277 V - 10 kA - UL 489
M9F52304 SCHNEIDER-M9F52304 Datasheet
101Kb / 3P
   Multi 9 - C60BPR - MCB - 3P - 4 A - C Curve - 480Y/277 V - 10 kA - UL 489
M9F52335 SCHNEIDER-M9F52335 Datasheet
101Kb / 3P
   Multi 9 - C60BPR - MCB - 3P - 35 A - C Curve - 480Y/277 V - 10 kA - UL 489
M9F52302 SCHNEIDER-M9F52302 Datasheet
101Kb / 3P
   Multi 9 - C60BPR - MCB - 3P - 2 A - C Curve - 480Y/277 V - 10 kA - UL 489
M9F52330 SCHNEIDER-M9F52330 Datasheet
101Kb / 3P
   Multi 9 - C60BPR - MCB - 3P - 30 A - C Curve - 480Y/277 V - 10 kA - UL 489
M9F52315 SCHNEIDER-M9F52315 Datasheet
101Kb / 3P
   Multi 9 - C60BPR - MCB - 3P - 15 A - C Curve - 480Y/277 V - 10 kA - UL 489
M9F52320 SCHNEIDER-M9F52320 Datasheet
101Kb / 3P
   Multi 9 - C60BPR - MCB - 3P - 20 A - C Curve - 480Y/277 V - 10 kA - UL 489
M9F52308 SCHNEIDER-M9F52308 Datasheet
101Kb / 3P
   Multi 9 - C60BPR - MCB - 3P - 8 A - C Curve - 480Y/277 V - 10 kA - UL 489
M9F52301 SCHNEIDER-M9F52301 Datasheet
101Kb / 3P
   Multi 9 - C60BPR - MCB - 3P - 1 A - C Curve - 480Y/277 V - 10 kA - UL 489
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com