Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS6930B Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FDS6930B
Descripción Electrónicos  Dual N-Channel Logic Level PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6930B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS6930B Datasheet HTML 1Page - Fairchild Semiconductor FDS6930B Datasheet HTML 2Page - Fairchild Semiconductor FDS6930B Datasheet HTML 3Page - Fairchild Semiconductor FDS6930B Datasheet HTML 4Page - Fairchild Semiconductor FDS6930B Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.fairchildsemi.com
FDS6930B Rev. A
Electrical Characteristics TA = 25°C unless otherwise noted
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins.
RθJC is guaranteed by design while RθCA is determined by the user's board design.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
3. Trr parameter will not be subjected to 100% production testing.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = 250 µA30
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C26
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
VDS = 24 V, VGS = 0 V, TJ = 55°C
1
10
µA
IGSS
Gate–Source Leakage
VGS = ±20 V, VDS = 0 V
±100
nA
On Characteristics (Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA1
1.9
3
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250 µA, Referenced to 25°C
–4.6
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V, ID = 5.5 A
VGS = 4.5 V, ID = 4.8 A
VGS = 10 V, ID = 5.5 A, TJ = 125°C
31
40
45
38
50
62
m
ID(on)
On–State Drain Current
VGS = 10 V, VDS = 5 V
20
A
gFS
Forward Transconductance
VDS = 5 V, ID = 5.5 A
19
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 15 V, V GS = 0 V,
f = 1.0 MHz
310
412
pF
Coss
Output Capacitance
90
120
pF
Crss
Reverse Transfer Capacitance
40
60
pF
RG
Gate Resistance
VGS = 15 mV, f = 1.0 MHz
1.9
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
VDD = 15 V, ID = 1 A,
VGS = 10 V, RGEN = 6 Ω
612
ns
tr
Turn–On Rise Time
612
ns
td(off)
Turn–Off Delay Time
16
28
ns
tf
Turn–Off Fall Time
24
ns
Qg
Total Gate Charge
VDS = 5 V, ID = 5.5 A,
VGS = 5 V
2.7
3.8
nC
Qgs
Gate–Source Charge
1.0
nC
Qgd
Gate–Drain Charge
0.7
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
1.3
A
VSD
Drain–Source Diode Forward Voltage
VGS = 0 V, IS = 1.3 A (Note 2)
0.8
1.2
V
trr
Diode Reverse Recovery Time (note3)
IF = 5.5 A, diF/dt = 100 A/µs
16
32
nS
Qrr
Diode Reverse Recovery Charge
6
nC
a) 78°C/W when mounted
on a 0.5 in2 pad of 2 oz
copper
b) 125°C/W when
mounted on a 0.02 in2
pad of 2 oz copper
c) 135°C/W when
mounted on a
minimum pad.


Número de pieza similar - FDS6930B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS6930B FAIRCHILD-FDS6930B_10 Datasheet
199Kb / 5P
   Dual N-Channel Logic Level PowerTrench짰 MOSFET
More results

Descripción similar - FDS6930B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS6910 FAIRCHILD-FDS6910 Datasheet
112Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
FDS6912A FAIRCHILD-FDS6912A_03 Datasheet
121Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
SI4920DY FAIRCHILD-SI4920DY Datasheet
217Kb / 5P
   Dual N-Channel, Logic Level, PowerTrench MOSFET
FDS8949_F085 FAIRCHILD-FDS8949_F085 Datasheet
544Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
SI3948DV FAIRCHILD-SI3948DV Datasheet
95Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
FDS8949 FAIRCHILD-FDS8949 Datasheet
342Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS6910 KEXIN-KDS6910 Datasheet
67Kb / 2P
   Dual N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com