Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74AC273M Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC74AC273M
Descripción Electrónicos  OCTAL D FLIP-FLOP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC273M Datasheet(HTML) 4 Page - ON Semiconductor

  MC74AC273M Datasheet HTML 1Page - ON Semiconductor MC74AC273M Datasheet HTML 2Page - ON Semiconductor MC74AC273M Datasheet HTML 3Page - ON Semiconductor MC74AC273M Datasheet HTML 4Page - ON Semiconductor MC74AC273M Datasheet HTML 5Page - ON Semiconductor MC74AC273M Datasheet HTML 6Page - ON Semiconductor MC74AC273M Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74AC273, MC74ACT273
http://onsemi.com
4
AC CHARACTERISTICS (For Figures and Waveforms – See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
74AC
74AC
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
fmax
Maximum Clock
3.3
90
125
75
Mhz
3–3
fmax
Frequency
5.0
140
175
125
Mhz
3–3
tPLH
Propagation Delay
3.3
4.0
7.0
12.5
3.0
14.0
ns
3–6
tPLH
Clock to Output
5.0
3.0
5.5
9.0
2.5
10.0
ns
3–6
tPHL
Propagation Delay
3.3
4.0
7.0
13.0
3.5
14.5
ns
3–6
tPHL
Clock to Output
5.0
3.0
5.0
10.0
2.5
11.0
ns
3–6
tPHL
Propagation Delay
3.3
4.0
7.0
13.0
3.5
14.0
ns
3–6
tPHL
MR to Output
5.0
3.0
5.0
10.0
2.5
10.5
ns
3–6
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.
AC OPERATING REQUIREMENTS
74AC
74AC
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
3.3
3.5
5.5
6.0
ns
3–9
ts
Data to CP
5.0
2.5
4.0
4.5
ns
3–9
th
Hold Time, HIGH or LOW
3.3
–2.0
0
0
ns
3–9
th
Data to CP
5.0
–1.0
1.0
1.0
ns
3–9
t
Clock Pulse Width
3.3
3.5
5.5
6.0
ns
3–6
tw
HIGH or LOW
5.0
2.5
4.0
4.5
ns
3–6
tw
MR Pulse Width
3.3
2.0
5.5
6.0
ns
3–6
tw
HIGH or LOW
5.0
1.5
4.0
4.5
ns
3–6
trec
Recovery Time
3.3
1.5
3.5
4.5
ns
3–9
trec
MR to CP
5.0
1.0
2.0
3.0
ns
3–9
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.


Número de pieza similar - MC74AC273M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74AC273MEL ONSEMI-MC74AC273MEL Datasheet
111Kb / 8P
   Octal D Flip?묯lop
December, 2005 ??Rev. 6
MC74AC273MELG ONSEMI-MC74AC273MELG Datasheet
111Kb / 8P
   Octal D Flip?묯lop
December, 2005 ??Rev. 6
More results

Descripción similar - MC74AC273M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54F273DM NSC-54F273DM Datasheet
167Kb / 8P
   Octal D Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273_16 Datasheet
97Kb / 8P
   Octal D Flip-Flop
December, 2016 ??Rev. 8
logo
NXP Semiconductors
74F273A PHILIPS-74F273A Datasheet
79Kb / 10P
   Octal D flip-flop
1996 Mar 12
logo
Hitachi Semiconductor
HD74AC273 HITACHI-HD74AC273 Datasheet
60Kb / 10P
   Octal D Flip-Flop
logo
National Semiconductor ...
54AC273 NSC-54AC273 Datasheet
157Kb / 8P
   Octal D Flip-Flop
74FCT273 NSC-74FCT273 Datasheet
168Kb / 8P
   Octal D Flip-Flop
logo
NXP Semiconductors
74LVT273 PHILIPS-74LVT273 Datasheet
94Kb / 11P
   3.3V Octal D flip-flop
1998 Feb 19
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com